Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 22Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 28Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 29Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
R6JA=
165
oC - 144oC
189 mW
= 111
o C/W
R6JA=
165°- Ta
PINTERNAL
RJC=
TJ - TC
Power
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
Thermal Considerations (continued)
RΦJC is approximately 30°C/Watt for the 6-pin WSON package with the exposed pad. Knowing the internal
dissipation from the efficiency calculation given previously, and the case temperature, which can be empirically
measured on the bench we have:
(30)
Therefore:
Tj = (RΦJC x PLOSS) + TC
(31)
From the previous example:
Tj = (RΦJC x PINTERNAL) + TC
(32)
Tj = 30°C/W x 0.189W + TC
(33)
The second method can give a very accurate silicon junction temperature.
The first step is to determine RθJA of the application. The LM2830 device has over-temperature protection
circuitry. When the silicon temperature reaches 165°C, the device stops switching. The protection circuitry has a
hysteresis of about 15°C. Once the silicon temperature has decreased to approximately 150°C, the device will
start to switch again. Knowing this, the RθJA for any application can be characterized during the early stages of
the design one may calculate the RθJA by placing the PCB circuit into a thermal chamber. Raise the ambient
temperature in the given working application until the circuit enters thermal shutdown. If the SW-pin is monitored,
it will be obvious when the internal PFET stops switching, indicating a junction temperature of 165°C. Knowing
the internal power dissipation from the above methods, the junction temperature, and the ambient temperature
RθJA can be determined.
(34)
Once this is determined, the maximum ambient temperature allowed for a desired junction temperature can be
found.
An example of calculating RθJA for an application using the Texas Instruments LM2830 WSON demonstration
board is shown below.
The four layer PCB is constructed using FR4 with ½ oz copper traces. The copper ground plane is on the bottom
layer. The ground plane is accessed by two vias. The board measures 3-cm × 3-cm. It was placed in an oven
with no forced airflow. The ambient temperature was raised to 144°C, and at that temperature, the device went
into thermal shutdown.
From the previous example:
PINTERNAL = 189mW
(35)
(36)
If the junction temperature was to be kept below 125°C, then the ambient temperature could not go above 109°C
Tj - (RθJA x PLOSS) = TA
(37)
125°C - (111°C/W x 189mW) = 104°C
(38)
26
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com