Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2830
R2
R1
C2
VO = 0.6V @ 1.0A
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
8.2.2 LM2830X Design Vo = 0.6 V at 1.0-A
Figure 23 shows typical application circuit for step-down solution from VIN=5 to VOUT=0.6 V, 1.0-A load current.
Figure 23. LM2830X (1.6 MHz): Vin = 5 V, Vo = 0.6 V at 1.0-A Schematic
Table 3. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
1.0-A Buck Regulator
TI
LM2830X
C1, Input Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3 Vf Schottky 1.5 A, 30 VR
TOSHIBA
CRS08
L1
3.3 µH, 1.3 A
Coilcraft
ME3220-332
R2
10.0 k
Ω, 1%
Vishay
CRCW08051000F
R1
0
Ω
R3
100 k
Ω, 1%
Vishay
CRCW08051003F
18
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com