Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 22Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
9 Power Supply Recommendations
The LM2830 is designed to operate from an input voltage supply range between 3.0 V and 5.5 V. This input
supply should be able to withstand the maximum input current and maintain a voltage above 3.0 V. If the input
supply is located farther away (more than a few inches) from the LM2830, additional bulk capacitance may be
required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
When planning layout there are a few things to consider when trying to achieve a clean, regulated output. The
most important consideration is the close coupling of the GND connections of the input capacitor and the catch
diode D1. These ground ends should be close to one another and be connected to the GND plane with at least
two through-holes. Place these components as close to the IC as possible. Next in importance is the location of
the GND connection of the output capacitor, which should be near the GND connections of CIN and D1.
There should be a continuous ground plane on the bottom layer of a two-layer board except under the switching
node island.
The FB pin is a high-impedance node and care should be taken to make the FB trace short to avoid noise pickup
and inaccurate regulation. The feedback resistors should be placed as close as possible to the IC, with the GND
of R1 placed as close as possible to the GND of the IC. The VOUT trace to R2 should be routed away from the
inductor and any other traces that are switching.
High AC currents flow through the VIN, SW and VOUT traces, so they should be as short and wide as possible.
However, making the traces wide increases radiated noise, so the designer must make this trade-off. Radiated
noise can be decreased by choosing a shielded inductor.
The remaining components should also be placed as close as possible to the IC. See Application Note AN-1229
SNVA054 for further considerations and the LM2830 demo board as an example of a four-layer layout.
10.2 Layout Example
Figure 29. Example Schematic
24
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com