Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Characteristics
All curves taken at VIN = 5.0 V with configuration in typical application circuit shown in Application Information section of this
data sheet. TJ = 25°C, unless otherwise specified.
Figure 1.
η vs Load "X" Vin = 5 V, Vo = 1.8 V and 3.3 V
Figure 2.
η vs Load "Z" Vin = 5 V, Vo = 3.3 V and 1.8 V
Figure 4. Load Regulation Vin = 3.3 V, Vo = 1.8 V (All
Figure 3.
η vs Load "X and Z" Vin = 3.3 V, Vo = 1.8 V
Options)
Figure 5. Load Regulation Vin = 5 V, Vo = 1.8 V (All Options)
Figure 6. Load Regulation Vin = 5 V, Vo = 3.3 V (All Options)
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com