Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.4 Current Limit
The LM2830 device uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle,
a current limit comparator detects if the output switch current exceeds 1.75 A (typical), and turns off the switch
until the next switching cycle begins.
7.3.5 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch does not turn on until the junction temperature
drops to approximately 150°C.
7.4 Device Functional Modes
In normal operational mode, the device will regulate output voltage to the value set with resistive divider.
In addition, this device has an enable (EN) pin that lets the user turn the device on and off by driving this pin high
and low. Default setup is that this pin is connected to VIN through pull up resistor (typically 100 kΩ). When enable
pin is low the device is in shutdown mode consuming typically only 30 nA, making it ideal for applications where
low power consumption is desirable.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com