Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2830XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN
–0.5
7
V
FB Voltage
–0.5
3
V
EN Voltage
–0.5
7
V
SW Voltage
–0.5
7
V
Junction Temperature(3)
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
6.2 ESD Ratings: LM2830
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings: LM2830-Q1
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
WSON corner pins (1, 3, 4, and 6)
±1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
SOT-23 corner pins (1, 3, 4, and 5)
±1000
AEC Q100-011
Other pins
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.4 Recommended Operating Conditions
MIN
NOM
MAX UNIT
VIN
3
5.5
V
Junction Temperature
–40
125
°C
6.5 Thermal Information
LM2830,
LM2830
LM2830-Q1
THERMAL METRIC(1)
UNIT
DBV
NGG
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
165.2
53.9
RθJC(top)
Junction-to-case (top) thermal resistance
69.9
51.2
RθJB
Junction-to-board thermal resistance
27.3
28.2
°C/W
ψJT
Junction-to-top characterization parameter
1.8
0.6
ψJB
Junction-to-board characterization parameter
26.8
28.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
8.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com