Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 26 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 26 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 22Page - TE Connectivity Ltd 641237 Datasheet HTML 23Page - TE Connectivity Ltd 641237 Datasheet HTML 24Page - TE Connectivity Ltd 641237 Datasheet HTML 25Page - TE Connectivity Ltd 641237 Datasheet HTML 26Page - TE Connectivity Ltd 641237 Datasheet HTML 27Page - TE Connectivity Ltd 641237 Datasheet HTML 28Page - TE Connectivity Ltd 641237 Datasheet HTML 29Page - TE Connectivity Ltd 641237 Datasheet HTML 30Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
PAGE 26
MTA, CST-100 II and SL-156 Connectors
PRODUCT FACTS
• Connectors and headers for 2 through
24 positions; wire sizes of 18, 20, 22,
24 and 26 AWG [0.9–0.12 mm2]
• Connectors and headers, except
shrouded headers, are end-to-end
stackable
• Posted connectors for 2,3, 4, 6, 9, 12, 15
and 24 positions
• Card edge connectors for 3, 6, 9, 12, 15,
18 and 20 through 24 positions
• Connectors preloaded with IDC contacts
• All contacts are slotted for insulation
displacement (IDC) termination tech-
nique
• Connector styles include both closed
end and feedthru, with and without
locking ramps and polarizing tabs
• Molded ribs on housing do not allow
reverse mating
• Contacts are lubricated for fretting
corrosion protection
• Benefits derived from the MTA-156
system include increases quality and
ease of handling such as—
• One-step assembly
• No wire stripping
• No contact damage
• Reduced wiring errors
• Simpler tooling
• Simple maintenance and repair
• Meets the material requirements of
Table 23.1 of UL1410 Standards for
Television Receiver and Video Products
(wire-to post connectors only)
• Recognized under the Component
Program of Underwriters
Laboratories Inc.,
File No. E28476
• Certified by Canadian
Standards Association,
File No. LR7189
MTA-156 connectors accept discrete and
ribbon cable wire sizes ranging from 18–
26 AWG [0.9–0.12 mm2] with maximum
insulation outside diameter .095 [2.41]
for single wire and .070 [1.78] for mass
termination of wires. Tin plated solid,
fused stranded or stranded (7, 16, and 19
strands) wire with PVC insulation can be
used on 18 AWG [0.8–0.9 mm2] MTA-156
connectors; 7, 10, and 19 stranded wire on
20 AWG [0.5–0.6 mm2] MTA-156 connec-
tors; and 7 and 19 stranded wire on 22–26
AWG [0.4–0.12 mm2] MTA-156 connectors.
Only one wire to be terminated into an
IDC contact slot.
Mass termination of wire provides the
lowest applied cost because it drastically
reduces the labor content of virtually any
cable or harness assembly required.
The wire-to-post connector housing
material is flame retardant thermoplastic,
either UL94V-2 or UL94V-0 rated.
A full line of .156 [3.96] centerline headers
completes the system. Headers are avail-
able with straight or right-angle posts,
in flat friction lock and shrouded styles.
Headers are available in 2 through 24
positions.
Note: Refer to page 52 for approved wire listings.
Performance Data*
Voltage Rating—600 vac
Current Rating—7 amp max. for MTA-156
Connector
Low-Level Resistance—
3.0 mΩ max. initial
Dielectric Withstanding Voltage—
2200 vac/1 min.
Insulation Resistance—
5000 MΩ min. initial
Operating Temperature—
-55° C to +105° C
*Refer to the Product Specification for additional
electrical, mechanical and environmental performance
tests and requirements.
Technical Documents Product
Specification
108-1051
MTA-156 Connectors
Application Specifications
114-1020
MTA-156 Connectors, Posted
Connectors and Card Edge
Connectors
114-1032
MTA-156 Ribbon Cable
Assembly
.156 [3.96] Centerline MTA-156 IDC Connectors and Headers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com