Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 53 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 53 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 49Page - TE Connectivity Ltd 641237 Datasheet HTML 50Page - TE Connectivity Ltd 641237 Datasheet HTML 51Page - TE Connectivity Ltd 641237 Datasheet HTML 52Page - TE Connectivity Ltd 641237 Datasheet HTML 53Page - TE Connectivity Ltd 641237 Datasheet HTML 54Page - TE Connectivity Ltd 641237 Datasheet HTML 55Page - TE Connectivity Ltd 641237 Datasheet HTML 56Page - TE Connectivity Ltd 641237 Datasheet HTML 57Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
PAGE 53
MTA, CST-100 II and SL-156 Connectors
IDC Ribbon Cable
.050 [1.27] Centerline, IDC Ribbon Cable
PRODUCT FACTS
• Compatible with a variety of Insulation
Displacement Connectors
• Available on .025 [0.63], .0394 [1.00],
.050 [1.27], .100 [2.54] and .156 [3.96]
centerline
• Color code edge mark on conductor #1
• Gray flame retardant flexible PVC
insulation
• Insulation rated for temperature of
-20°C to +105°C
• Recognized under the
Component Program of
Underwriters Laboratories
Inc., File No. E53793
TE has an expanding array of MADISON
CABLE planar PVC insulated product de-
signed for compatibility with a variety of
Insulation Displacement Connectors. AMP
IDC terminations offer a quick, reliable,
cost-effective cabling system which can
be automated.
The .100 [2.54] centerline cable is avail-
able in 28 to 22 AWG, either as tinned
or as overcoated tinned wire, in 2 to 28
conductors.
The .156 [3.96] centerline is available in
22 AWG and 18 AWG, either as tinned or
overcoated tinned, in 2 to 24 conductors.
IDC Ribbon Cable is produced to tight-
er standards than usually required
for high yield insulation displacement
terminations. The extra precision offers
uncomplicated operation in fully auto-
matic stripping, notching and termination
equipment.
Product Specifications
Voltage Rating—30 vac
Component Recognized by UL to US and
Canadian Standards—AWM Style 2651
Sizes
26 AWG, 7/34 Tinned copper, PVC insu-
lation (9–64 conductors), 500 ft. reels
(Base AMP Part Number 57034)
28 AWG, 7/36 Tinned copper, PVC insula-
tion (9–64 conductors), 100 ft. reels (Base
AMP Part Number 57040) and 500 ft.
reels (Base AMP Part Number 971111)
30 AWG, Other conductor counts avail-
able on request. For ordering information,
call Toll-Free:
1-877-623-4766 or visit:
www.madisoncable.com/fsproducts.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com