Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  641237 Datasheet HTML 1Page - TE Connectivity Ltd 641237 Datasheet HTML 2Page - TE Connectivity Ltd 641237 Datasheet HTML 3Page - TE Connectivity Ltd 641237 Datasheet HTML 4Page - TE Connectivity Ltd 641237 Datasheet HTML 5Page - TE Connectivity Ltd 641237 Datasheet HTML 6Page - TE Connectivity Ltd 641237 Datasheet HTML 7Page - TE Connectivity Ltd 641237 Datasheet HTML 8Page - TE Connectivity Ltd 641237 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
PAGE 4
MTA, CST-100 II and SL-156 Connectors
PRODUCT FACTS
• Connectors and headers for 2 through
28 positions; wire sizes of 22, 24, 26
and 28 AWG [0.4-0.08 mm2]
• Wire-to-Post Connectors preloaded
with dual beam contacts
• Connectors and headers, except
shrouded headers, are end-to-end
stackable
• Connector styles include both closed
end and feed thru connectors with
locking ramps, with and without
polarizing tabs
• Molded ribs on housing do not allow
reverse mating
• Posted connectors for 2 through 19
positions
• Connectors preloaded with IDC contacts
• All contacts are slotted for insulation
displacement (IDC) terminal technique
• Contacts are lubricated for fretting
corrosion protection
• Benefits derived from the MTA-100
system include increased quality and
ease of handling such as:
• One-step assembly
• No wire stripping
• No contact damage
• Reduced wiring errors
• Simpler tooling
• Simple maintenance and repair
• Meets the material requirements of
Table 23.1 of UL1410 Standards for
Television Receiver and Video Products
(wire-to post connectors only)
• Recognized under the Component
Program of Underwriters Labora-
tories Inc., File No. E28476
• Certified by Canadian Standards
Association, File No. LR7189
Technical Documents Product
Specification
108-1050
MTA-100 Connectors
Application Specifications
114-1019
MTA-100 Connectors
114-1031
MTA-100 Ribbon Cable
Assembly
MTA-100 connectors accept discrete
and ribbon cable wire sizes ranging from
22–28 AWG [0.4–0.08 mm2] with maxi-
mum insulation outside diameter of .060
[1.52] for terminating single wire and .050
[1.27] for mass termination of wires. Tin
plated solid, fused stranded, or stranded
(7 strands) wire with PVC insulation can
be used on 22–28 AWG [0.4–0.9 mm2]
MTA-100 connectors and 19 stranded wire
on 22–24 AWG [0.4–0.2 mm2] MTA-100
connectors. Only one wire to be terminat-
ed into an IDC contact slot.
The wire-to-post connector housing
material is flame retardant thermoplastic,
either UL94V-2 or UL94V-0 rated.
A full line of .100 [2.54] centerline head-
ers completes the system. Headers are
available with straight or right-angle
posts, in flat, polarized or friction lock
styles. Headers are available in 2 through
28 positions. Shrouded headers are avail-
able in 2 through 14 positions.
Performance Data*
Voltage Rating—250 vac
Current Rating—5 amp max.
Low-Level Resistance—
6 mΩ max. initial
Dielectric Withstanding Voltage—
750 vac/1 min.
Insulation Resistance—
5000 MΩ min. initial
Operating Temperature—
-55° C to +105° C
Note: Refer to page 52 for approved wire listings.
*Refer to the Product Specification for additional
electrical, mechanical and environmental performance
tests and requirements.
.100 [2.54] Centerline MTA-100 IDC Connectors and Headers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com