Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 4Page - TE Connectivity Ltd 641237 Datasheet HTML 5Page - TE Connectivity Ltd 641237 Datasheet HTML 6Page - TE Connectivity Ltd 641237 Datasheet HTML 7Page - TE Connectivity Ltd 641237 Datasheet HTML 8Page - TE Connectivity Ltd 641237 Datasheet HTML 9Page - TE Connectivity Ltd 641237 Datasheet HTML 10Page - TE Connectivity Ltd 641237 Datasheet HTML 11Page - TE Connectivity Ltd 641237 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
PAGE 8
MTA, CST-100 II and SL-156 Connectors
MTA-100 IDC Connectors—Closed End and Feed-Thru (continued)
Connector Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number, and their
RoHS (Restrictions on Certain Hazard-
ous Substances) Compliant (lead free)
equivalent available for the described
connectors.
Prefixes and suffixes are determined by
the number of circuit positions in the
connector. For example, the complete
part number for a 10-position closed
end connector without polarizing tabs
for 22 AWG wire would be:
Base number
640440 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-640440-0
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-640440-2
3
3-640440-3
4
3-640440-4
5
3-640440-5
6
3-640440-6
7
3-640440-7
8
3-640440-8
9
3-640440-9
10
4-640440-0
11
4-640440-1
12
4-640440-2
13
4-640440-3
14
4-640440-4
15
4-640440-5
16
4-640440-6
17
4-640440-7
18
4-640440-8
19
4-640440-9
20
5-640440-0
21
5-640440-1
22
5-640440-2
23
5-640440-3
24
5-640440-4
25
5-640440-5
26
5-640440-6
27
5-640440-7
28
5-640440-8
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Base Part Numbers
Closed End
Feed-Thru
Without Tabs
With Tabs
Without Tabs
With Tabs
Connector Type
& Wire Size
Connector RoHS
Connector RoHS Connector
RoHS Connector RoHS
Part Nos.
Equiv. Part Nos.
Equiv. Part Nos.
Equiv. Part Nos.
Equiv.
Standard UL94V-2, Tin Plated
22 AWG
640440
32–58
643813
32–58
640620
32–58
6445401
32–45
0.3–0.4 mm2
24 AWG
640441
32–58
643814
32–58
640621
32–58
644563 1
32–54
0.2 mm2
26 AWG
640442
32–58
643815
32–58
640622
32–58
644564 1
32–45
0.12–0.15 mm2
28 AWG
640443
32–58
643816
32–58
640623
32–58
644565 1
32–45
0.08–0.09 mm2
Tape Mounted on Reel UL94V-2, Tin Plated
22 AWG
640468
32–58
644511
42–68
641311
32–58
—
—
0.3–0.4 mm2
24 AWG
640469
32–58
644512
32–58
641312
32–58
—
—
0.2 mm2
26 AWG
640470
32–58
644513
32–58
641313
32–58
—
—
0.12–0.15 mm2
28 AWG
640471
32–58
644514
32–58
641314
32–58
—
—
0.08–0.09 mm2
Standard UL94V-2, .000030 [0.00076] Gold Plated
22 AWG
641237
32–58
644042
32–58
641241
32–58
644702 1
32–45
0.3–0.4 mm2
24 AWG
641238
32–58
644020
32–58
641242
32–58
—
—
0.2 mm2
26 AWG
641239
32–58
644043 1
32–44
641243
32–58
644726 1
32–45
0.12–0.15 mm2
28 AWG
641240
32–58
6440441
32–44
641244
32–58
—
—
0.8–0.9 mm2
Standard UL94V-2, .000015 [0.00038] Gold Plated
22 AWG
641190
32–58
644038 1
32–44
641198
32–58
647477
32–46
0.3–0.4 mm2
24 AWG
641191
32–58
17440201
32–44
641199
32–58
—
—
0.2 mm2
26 AWG
641192
32–58
6440401
32–44
641200
32–58
647480
32–43
0.12–0.15 mm2
28 AWG
641193
32–58
—
—
641201
32–58
—
—
0.08–0.09 mm2
LED*, UL94V-2, Tin Plated (See Note 1)
22 AWG
641534
32–33
—
—
641653
32–33
—
—
0.3–0.4 mm2
24 AWG
641535
32–33
644795
32–33
641654
32–33
—
—
0.2 mm2
26 AWG
641536
32–33
—
—
641655
32–33
—
—
0.12–0.15 mm2
28 AWG
641537
32–33
—
—
641656
32–33
—
—
0.08–0.09 mm2
Standard UL94V-0, Tin Plated (Gold is available, minimums may apply.) (Black in color)
22 AWG
643498 1
32–45
644083 1
32–45
644575 1
32–45
644578 1
32–45
0.3–0.4 mm2
24 AWG
644574 1
32–45
644312 1
32–45
644576 1
32–45
644579 1
32–45
0.2 mm2
26 AWG
643828 1
32–45
644313 1
32–45
644577 1
32–45
644497 1
32–45
0.12–0.15 mm 2
*LED connectors are designed to mate with .014–.020 [0.36–0.51] diameter posts or square leads.
1
Other circuit sizes are available upon request. Minimums may apply.
2
Tape mounted.
Note: :Blocked circuit configurations are available. Contact product engineer or product manager for
details. Minimums may apply.
MTA-100 IDC Connectors—Closed End and Feed-Thru



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com