Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 33 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 33 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 29Page - TE Connectivity Ltd 641237 Datasheet HTML 30Page - TE Connectivity Ltd 641237 Datasheet HTML 31Page - TE Connectivity Ltd 641237 Datasheet HTML 32Page - TE Connectivity Ltd 641237 Datasheet HTML 33Page - TE Connectivity Ltd 641237 Datasheet HTML 34Page - TE Connectivity Ltd 641237 Datasheet HTML 35Page - TE Connectivity Ltd 641237 Datasheet HTML 36Page - TE Connectivity Ltd 641237 Datasheet HTML 37Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
PAGE 33
MTA, CST-100 II and SL-156 Connectors
MTA-156 Connector Accessories
Covers
Material (RoHS Compliant)
Strain Relief Covers—UL94V-2 rated,
nylon, white
Dust Covers—UL94V-0 rated, polyester,
white
Feed-Thru Covers
Material (RoHS Compliant)
Strain Relief Cover—UL94V-2 rated,
nylon, white
Dust Covers—UL94V-0 rated, polyester,
white
Cover Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and number
of circuits available for the described
cover.
Prefixes and suffixes are determined by
the number of circuit positions in the
cover. For example, the complete part
number for a 10-position closed-end
strain relief cover would be:
Base number
643067 plus
prefix-and-suffix
1- — -0
The correct ordering number is
1-643067-0
A
.130
[3.30]
[2.67]
[11.18]
.335
[8.51]
Retention Dimple
.127
[3.23]
.440
.440
.105
.130
.475
.325
[11.18]
A
.335
[8.51]
Strain Relief Covers
Dust Covers
Base Part Numbers
Closed End
Strain Relief
Dust
Covers
Covers
Cover
Part Nos.
No. of
Circuits
Cover
Part Nos.
No. of
Circuits
643067
2–24
640551
2–24
Cover
Part Nos.
No. of
Circuits
Cover
Part Nos.
No. of
Circuits
Cover Length
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
No. of
Circuits
Dim.
A
Prefix/
Suffix
2
.312
-2
7.92
3
.468
-3
11.89
4
.624
-4
15.85
5
.780
-5
19.81
6
.936
-6
23.77
7
1.092
-7
27.74
8
1.248
-8
31.7
9
1.404
-9
35.66
10
1.560
1- -0
39.62
11
1.716
1- -1
43.59
12
1.872
1- -2
47.55
13
2.028
1- -3
51.51
14
2.184
1- -4
55.47
15
2.340
1- -5
59.44
16
2.496
1- -6
63.4
17
2.652
1- -7
67.36
18
2.808
1- -8
71.32
19
2.964
1- -9
75.29
20
3.120
2- -0
79.25
21
3.276
2- -1
83.21
22
3.432
2- -2
87.17
23
3.588
2- -3
91.14
24
3.744
2- -4
95.1
Strain Relief Covers
Dust Covers
.127
[3.23]
.470
[11.94]
Note: This portion of front locking bar
may or may not be present
Note: This portion of front locking bar
may or may not be present
A
A
[8.26]
[12.07]
[3.3]
Retention Dimple
Base Part Numbers
Feed-Thru
Strain Relief
Dust
Covers
Covers
643071
2–24
640643
2–24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com