Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 34 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 34 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 30Page - TE Connectivity Ltd 641237 Datasheet HTML 31Page - TE Connectivity Ltd 641237 Datasheet HTML 32Page - TE Connectivity Ltd 641237 Datasheet HTML 33Page - TE Connectivity Ltd 641237 Datasheet HTML 34Page - TE Connectivity Ltd 641237 Datasheet HTML 35Page - TE Connectivity Ltd 641237 Datasheet HTML 36Page - TE Connectivity Ltd 641237 Datasheet HTML 37Page - TE Connectivity Ltd 641237 Datasheet HTML 38Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
PAGE 34
MTA, CST-100 II and SL-156 Connectors
Replacement IDC Contacts
Material and Finish
Contacts—Phosphor bronze, post tin
plated, .000030 [0.00076] or .000015
[0.00038] post gold plated over nickel
Notes: TE does not recommend terminating an MTA
contact more than one time. Use replacement contacts
when required for field repairs or wire changes.
Crimp Snap-in Contacts
Material and Finish
Contacts—Phosphor bronze, tin plated
MTA-156 Connector Accessories (continued)
.110
[2.79]
.105
[2.67]
.580
[14.73]
.165
[4.19]
Max.
Wire Size
Part Nos.
AWG
mm2
Loose Piece*
Strip**
26–22
.12–0.3
640557-3
640556-3
22–18
0.3–0.9
640559-3
640558-3
**Hand Tool No. 59837-1 (408-6528)
**AMP-O-LECTRIC Model “G” Termination
Machine (Request Catalog 65828)
Note: Requires applicator. For part number,
call Technical Support.
Special applications for crimp snap-in contacts are:
1. Double wire per contact
2. Coax or shielded wire
3. Mixed wire size in same connector
Note: Only one crimp snap-in contact per connector.
Wire Size
Part Numbers
AWG
mm 2
18
0.8–0.9
640631-3
641143-4
641143-3
20
0.5–0.6
640632-3
641144-4
641144-3
22
0.3–0.4
640633-3
641145-4
641145-3
24
0.2
640634-3
641146-4
641146-3
26
0.12–0.15
640635-3
641147-4
641147-3
.637
[16.18]
.125
[3.18]
.000030
[0.00076]
Gold Plated
Tin Plated
.000015
[0.00038]
Gold Plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com