Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 52 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 52 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 48Page - TE Connectivity Ltd 641237 Datasheet HTML 49Page - TE Connectivity Ltd 641237 Datasheet HTML 50Page - TE Connectivity Ltd 641237 Datasheet HTML 51Page - TE Connectivity Ltd 641237 Datasheet HTML 52Page - TE Connectivity Ltd 641237 Datasheet HTML 53Page - TE Connectivity Ltd 641237 Datasheet HTML 54Page - TE Connectivity Ltd 641237 Datasheet HTML 55Page - TE Connectivity Ltd 641237 Datasheet HTML 56Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
PAGE 52
MTA, CST-100 II and SL-156 Connectors
MTA Wire Selection
Proper wire selection is critical to the
success of a wire-to board application.
The chart identifies wires that have been
evaluated and approved by the product
engineering section. If you plan to use
a wire not on the approved list, please
submit a sample 12” length of wire to TE
for evaluation.
AWG Metric Equivalents
18 — 0.8–0.9 mm2
20 — 0.5–0.6 mm2
22 — 0.3–0.4 mm2
24 — 0.2 mm2
26 — 0.12–0.15 mm2
28 — 0.08–0.09 mm2
Product Specifications
108-1050 — MTA-100 Connectors
108-1050-1 — MTA-100 Posted Connectors
108-1051 — MTA-156 Connectors
108-1219 — MTA-156 Quad Connector
System
108-1065 — MTA-156 Posted Connectors
108-1058 — MTA-156 Card Edge
Connectors
Application Specifications
114-1019 — MTA-100 Connectors
114-1020 — MTA-156 Connectors
114-1031 — MTA-100 Ribbon Cable
Connector Assembly
114-1032 — MTA-156 Ribbon Cable
Connector Assembly
114-1048 — MTA-156 Quad Connector
MTA Connectors Approved Wire Listing
MTA-100 Connectors
Wall
Approved Wire AWG
UL 1007 PVC Insulation
.015ʺ [0.381]
22, 24, 26, 28
UL 1061 Semi-Rigid PVC Insulation
.009ʺ [0.229]
22, 24, 26, 28
UL 1095 Semi-Rigid PVC Insulation
.012ʺ [0.305]
24
UL 1371 TEFLON Insulation — TFE
.006ʺ [0.152]
22, 26
UL 1429 Irradiated PVC— X.L.P.V.C.
.010ʺ [0.254]
22, 24, 26, 28
UL 2464 PVC
.013ʺ [0.330]
24
UL 3265 Irradiated Polyethylene — X.L.P.E.
.010ʺ [0.254]
22, 24
UL 3266 Irradiated Polyethylene — X.L.P.E.
.015ʺ [0.381]
22, 24
MIL-W-16878, Type B-PVC Insulation
.010ʺ [0.254]
22
UL 1213 TEFLON Insulation—T.F.E.
.010ʺ [0.254]
22
MTA-156 Connectors
UL 1007 PVC Insulation
.015ʺ [0.381]
18, 20, 22, 24
UL 1061 Semi-Rigid PVC Insulation
.009ʺ [0.229]
18, 20, 22, 24
UL 1180 TEFLON Insulation — T.F.E.
.015ʺ [0.381]
22
UL 1213 TEFLON Insulation — T.F.E.
010ʺ [0.254]
18, 22, 24
UL 1316 PVC/Nylon Wall
.015ʺ [0.381]
18, 22
UL 1429 Irradiated PVC— X.L.P.V.C.
.010ʺ [0.254]
18, 20, 22, 24
UL 1430 Irradiated PVC— X.L.P.V.C.
.015ʺ [0.381]
18, 20, 22, 24
UL 1569 PVC
.015ʺ [0.381]
18
UL 3265 Irradiated Polyethylene — X.L.P.E.
.010ʺ [0.254]
22
UL 3266 Irradiated Polyethylene — X.L.P.E.
.015ʺ [0.381]
18, 20, 22, 24
Note: When selecting approved wire styles noted on this list, the MTA Application Specifications
guidelines must be followed. Also, due to wire variations in insulation wall thickness, hardness and
wire stranding we would recommend evaluating the wire selected before final application approval.
TEFLON is a trademark of E.I. DuPont de Nemours and Company.
MTA-100 Ribbon Cable Preparation
MTA-156 Ribbon Cable Preparation
† The dimensions shown represent the recommended minimum and maximum for notches;
the actual dimension will depend on your application requirements.
Notes:
1. Cable shall be notched, as indicated in the individual ribbon cable connector assembly drawing,
according to the requirements specified in these figures. Conductor shall not be exposed after notching,
nor shall individual wire stands be cut or nicked.
2. U.L. Style #2651 ribbon cable is approved for use with MTA-100 and MTA-156 connectors per Application
Specification 114-1031 and 114-1032.
Ribbon Cable
Cable Edge-to-End Alignment
(Ends of the cable shall be prepared as indicated in this figure)
.400-.800†
[10.16-20.32]
Feed-Thru Notch
Dead-End Notch
.036-.046 Standard
26-28 AWG Wire Only)
.280-.450†
[7.112-11.43]
.036-.046 Standard
(.046-.052 Allowable for
(.046-.052 Allowable for
26-28 AWG Wire Only)
.500-1.000†
[12.70-25.40]
Feed-Thru Notch
Flush-Mount Notch
.400-.600†
[10.16-15.24]
.062-.080
.062-.080
[1.57-2.03]
[1.57-2.03]
.064 [1.63]
Typ. (Max.)
After Notching
.050 [1.27]
Dia. (Max.)
Typ. (Max.)
Dia. (Max.)
For Mass Terminating
.100
[2.54]
(Typ.)
Insulation
Conductor
Web
.094 [2.39]
After Notching
.070 [1.78]
For Mass Terminating
.156
[3.96]
(Typ.)
Insulation
Conductor
Web
Ribbon Cable End View
– A –
.010
A
Per Inch of Cable Width
Notes:
1. For MTA Cable Assemblies
Contact US Engineering
Cable Assembly Group.
2. For IDC Cable, see pages
60 thru 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com