Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 47 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 47 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 43Page - TE Connectivity Ltd 641237 Datasheet HTML 44Page - TE Connectivity Ltd 641237 Datasheet HTML 45Page - TE Connectivity Ltd 641237 Datasheet HTML 46Page - TE Connectivity Ltd 641237 Datasheet HTML 47Page - TE Connectivity Ltd 641237 Datasheet HTML 48Page - TE Connectivity Ltd 641237 Datasheet HTML 49Page - TE Connectivity Ltd 641237 Datasheet HTML 50Page - TE Connectivity Ltd 641237 Datasheet HTML 51Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
PAGE 47
MTA, CST-100 II and SL-156 Connectors
PRODUCT FACTS
• Rugged wire-to-board interconnection
to mate with .045 square or round post
headers or staked posts on .156 centers
• Standard Connectors accept wire range
of 18–24 AWG [0.9–0.2 mm] and LID
Connectors accept wire range of 18–24
AWG [0.9–0.2 mm] and a limited 16
AWG [1.29–1.42 mm] (2550–2800 CMA)
• Two-piece interconnection system
(connector/header)
• Housing made of flame retardant nylon
• Available in 1- through 24-position
connector configurations
• Connectors are end-to-end stackable
• Wire-to-board system offers polariza-
tion with friction lock for positive mating
• Meets the material requirements of
Table 23.1 of UL1410 Standard for
High-Voltage Television Receivers and
Video Productions
• Recognized under the
Component Program of
Underwriters Laboratories
Inc., File No. E28476
• Certified by Canadian
Standards Association,
File No. LR7189
The AMP SL-156 connectors shown on
the following pages are designed to mate
with .045 [1.14] square or round post
headers or staked posts on .156 [3.96]
centers.
The wire-to-board connector is a two-
piece connector system with the wire
crimped to the contact, then inserted into
the housing. This product mates with the
MTA-156 flat, polarized and friction lock
header, or staked posts (
not MTA-156
shrouded headers).
Performance Data*
Voltage Rating—250 vac
Current Rating—10 amp max. at 250 vac
Low-Level Resistance—3.0 mΩ max. initial
Dielectric Withstanding Voltage—
2000 vac/1 min.
Insulation Resistance—1000 MΩ min. initial
Operating Temperature—-55° C to +105° C
The Large Insulation Diameter (LID)
Contacts and Housings are for use in
applications where wire insulation is up to
.112 [2.84] in diameter.
.156 [3.96] Centerline SL-156 Crimp Contacts and Housings
N
Y
N
Y
Y
Y
Y
N
N
Y
Y
Y
Y
Y
Y
Y
YY
NYY
YY
YYY
YY
YYY
Y Y Y Y
Y Y Y Y
Y Y Y Y Y
N
Y
Y
Y
Y
N
Y
Y
647401
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y Y
Y
Y
Y
Y
Y
Y
Y
647400
Y
647402
Y
Y
Y Y Y
Y
Y Y Y
Y
Y Y Y Y
Y
Y
Y
N
Y
N
Headers
647401
YY
YNY
647400
LID
LID
LID
YY
YYY
647402
YY
YNY
YY
YY
YY
Y
Y
Y
Y
Y
Y
Y
Y
Y
N
Y
N
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Headers
Y
Y
Y
Y
Y
Y
N
647401
647400
647402
Y Y
Y Y
Y Y Y
Y Y Y
Y
Y
Y
N
Y Y
Y
Y
Y Y
Y Y Y
640250
640251
770849
640250
640251
Standard
Standard
Standard
770849
640250
640251
770849
Y
Y
Y
Y
Y
Y
Y
Y
Y
N
Y
N
Y
Y
Y
Y
Y
Y
Headers
Y
Y
Y
Y
Y
YY
YY
YN
Matrix for Tin
Plated Part
Numbers
Matrix for .000030
[0.00076] Gold
Plated Part Numbers
Matrix for .000015
[0.00038] Gold
Plated Part Numbers
These matrixes represent only the housing and header combinations. You also need to consider the plating on the contacts and
headers. Gold contacts with gold headers and tin contacts with tin headers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com