Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641237 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 641237
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 9Page - TE Connectivity Ltd 641237 Datasheet HTML 10Page - TE Connectivity Ltd 641237 Datasheet HTML 11Page - TE Connectivity Ltd 641237 Datasheet HTML 12Page - TE Connectivity Ltd 641237 Datasheet HTML 13Page - TE Connectivity Ltd 641237 Datasheet HTML 14Page - TE Connectivity Ltd 641237 Datasheet HTML 15Page - TE Connectivity Ltd 641237 Datasheet HTML 16Page - TE Connectivity Ltd 641237 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
PAGE 13
MTA, CST-100 II and SL-156 Connectors
MTA-100 IDC Posted Connectors (Wire-to-Wire)—Closed End, Feed-Thru
Base Part Numbers
Connector Type
Closed End Connector
Feed-Thru Connector
& Wire Size
Part Nos.
RoHS Equiv.
Part Nos.
No. of Circuits
Standard UL 94V-2, Tin Plated
22 AWG
647000
647004
—2
0.3–0.4 mm2
32–491
24 AWG
647001
32–49
1
647005
—2
0.2 mm2
26 AWG
647002
32–49
1
647006
—2
0.12–0.15 mm2
28 AWG
647003
32–49
1
647007
—2
0.08–0.09 mm2
Standard UL 94V-2, .000030 [0.00076] Gold Plated
22 AWG
647008
32–49
1
647012
—2
0.3–0.4 mm2
24 AWG
647009
32–49
1
647013
—2
0.2 mm2
26 AWG
647010
32–49
1
647014
—2
0.12–0.15 mm2
28 AWG
647011
32–49
1
647015
—2
0.08–0.09 mm2
Standard UL 94V-2, .000015 [0.00038] Gold Plated
22 AWG
647016
32–49
1
647020
—2
0.3–0.4 mm2
24 AWG
647017
32–49
1
647021
—2
0.2 mm2
26 AWG
647018
32–49
1
647022
—2
0.12–0.15 mm2
28 AWG
647019
32–49
1
647023
—2
0.08–0.09 mm2
1
2 and3 position MTA-100 Posted Connectors (Closed End)
can not mate with MTA-100 connectors with polarizing tabs.
2
Parts may be manufactured upon request. Minimums may apply. Contact product engineer or product manager for details.
Closed End
Feed-Thru
Technical Documents
Product Specification
108-1050-1 MTA-100 Posted
Connector
Application Specification
114-1019
MTA-100
Connectors
Replacement IDC
Contacts
Material and Finish
Contacts—Copper alloy, post
tin or gold plated over nickel
No. of
Dim.
Circuits
A
B
2
.300
.227
[7.62]
[5.77]
3
.400
.327
[10.16]
[8.31]
4
.500
.427
[12.70] [10.85]
5
.600
.527
[15.24] [13.39]
No. of
Dim.
Circuits
A
B
6
.700
.627
[17.78] [15.93]
7
.800
.727
[20.32] [18.47]
8
.900
.827
[22.86] [21.01]
9
1.000
.927
[25.40] [23.55]
No. of
Dim.
Circuits
A
B
10
1.100
1.027
[27.94] [26.09]
11
1.200
1.127
[30.48] [28.63]
12
1.300
1.227
[33.02] [31.17]
13
1.400
1.327
[35.56] [33.71]
No. of
Dim.
Circuits
A
B
14
1.500
1.427
[38.10] [36.25]
15
1.600
1.527
[40.64] [38.79]
16
1.700
1.627
[43.18] [41.33]
17
1.800
1.727
[45.72] [43.87]
18
1.900
1.827
[48.26] [46.41]
19
2.000
1.927
[50.80] [48.95]
Part Numbers
Wire Size
Tin
.000030
AWG mm 2
Plated
[.00076]
Gold Plated
22
24
26
28
0.3-0.4
0.2
0.12-0.15
0.8-0.9
3-647030-1
3-647031-1
3-647032-1
3-647033-1
3-647030-2
3-647031-2
3-647032-2
3-647033-2
.843
[21.40]
B
Dim.
.303
[7.70]
.079
[2.00]
.415
[10.54]
.025
[0.54]Sq.
.100
[2.54] Typ.
A Dim.
.843
[21.40]
B
Dim.
.303
[7.70]
.079
[2.00]
.415
[10.54]
.025
[0.54]Sq.
.100
[2.54] Typ.
A Dim.
.083
[2.10]
.770
[19.55]
.075
[1.91]
.025
[0.64]
Material and Finish
Housing—UL94V-2 rated, nylon, see chart
for color
Contacts—Copper alloy, post tin or gold
plated over nickel (see chart)
Note: 1. Mating half visuals — pages 7 & 8.
2. Use feed thru strain relief covers & feed
thru dust covers (if needed)—page 9.
3. Approved wire listing—pages 52-56.
Connector Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number.
Prefixes and suffixes are determined by
the number of circuit positions in the
connector. For example, the complete
part number for a 12-position closed end
connector for 22 AWG wire would be:
Base number
647000 plus
prefix-and-suffix
4- — -2
The correct ordering number is
4-647000-2
All part numbers are the RoHS equivalent
version. Example:
No. of
Lead Free
Pos.
RoHS
Prefix/Suffix
2
3-647000-2
thru
19
4-647000-9
See page 8 for an explanation of RoHS lead free
equivalents.
Note: All RoHS equivalent part numbers may not be
available upon catalog release. If the number you need
is not available, please contact Product Engineering to
expedite your request.
Color Coding by Wire Size for UL94V-2
Connectors
22 AWG—Red
24 AWG—White
26 AWG—Blue
28 AWG—Green
Performance Data
Voltage Rating—250 vac
Current Rating—5 amp max.
Low-Level Resistance—6 mΩ max. initial
Dielectric Withstanding Voltage—
750 vac/1 min.
Insulation Resistance—5000 MΩ min. initial
Operating Temperature—-55° C to +105° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com