Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 65 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 61Page - STMicroelectronics STW4810CRAELF Datasheet HTML 62Page - STMicroelectronics STW4810CRAELF Datasheet HTML 63Page - STMicroelectronics STW4810CRAELF Datasheet HTML 64Page - STMicroelectronics STW4810CRAELF Datasheet HTML 65Page - STMicroelectronics STW4810CRAELF Datasheet HTML 66Page - STMicroelectronics STW4810CRAELF Datasheet HTML 67Page - STMicroelectronics STW4810CRAELF Datasheet HTML 68Page - STMicroelectronics STW4810CRAELF Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
STw4810
Electrical and timing characteristics
65/78
Charge pump
VBAT
Input power supply
Battery voltage
VUSB+0.1
3.6
4.8
V
VBUS
Output voltage
Current load up to 100
mA
4.75
5
5.25
V
tS
Settling time
[0;4.8] V)
Ext. load: 100 mA +
External cap = 10µF
1.2
ms
IQ
Quiescent current
No Load
2.7
mA
VRipple
Amplitude output ripple
on VBUS
Current load 8 mA
Current load 100mA
25
40
mV
mV
IOUT
Output current
100
mA
Eff
Efficiency
VBAT = 3.0V
IOUT =100mA
VBAT= 3.6V.
IOUT = 8 mA.
85
60
%
%
VUSB regulator
VBAT
(1)
Input voltage
Battery voltage:
VBAT min =
VOUT + 0.1V
VUSB+0.1
3.6
5.5
V
VOUT
Output voltage
VBAT min=
VOUT + 0.1V
3.0
3.1
3.2
V
ISHORT
Short circuit current
limitation
320
mA
IQ
Quiescent current
No load
70
µA
PSRR(2)
Power supply rejection
VBAT= VOUT+0.2V
f < 20 kHz
45
dB
NVOUT
Output noise voltage
VBAT= VOUT+0.2V
10Hz <f< 100kHz
100
µVrms
LIRT
Transient line
regulation
ΔVBAT = 300 mV
tR = tF = 10µs.
5mV
tS
Settling time
OFF->ON
IOUT = 0mA
25
µs
tD
Discharge time
ON>OFF
IOUT = 0mA
400
µs
1.
From 4.8 V to 5.5 V, charge pump is “Off” and no OTG feature is provided
2.
Guaranteed by design
Table 50.
USB OTG transceiver (continued)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com