Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 66 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 62Page - STMicroelectronics STW4810CRAELF Datasheet HTML 63Page - STMicroelectronics STW4810CRAELF Datasheet HTML 64Page - STMicroelectronics STW4810CRAELF Datasheet HTML 65Page - STMicroelectronics STW4810CRAELF Datasheet HTML 66Page - STMicroelectronics STW4810CRAELF Datasheet HTML 67Page - STMicroelectronics STW4810CRAELF Datasheet HTML 68Page - STMicroelectronics STW4810CRAELF Datasheet HTML 69Page - STMicroelectronics STW4810CRAELF Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
Electrical and timing characteristics
STw4810
66/78
5.6
SD/MMC card interface
Table 51.
SD/MMC card interface
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VMMC regulator specifications (PDN_VMMC = 1)
VBAT
Input voltage
VOUT = 3 V
VOUT = 2.85 V
VOUT = 1.8 V
3.25
3.1
2.7
3.6
4.8
V
VOUT
Output voltage
-3%
3
2.85
1.8
+3%
V
IOUT
Output current
150
mA
ISHORT
Short circuit
current limitation
280
360
600
mA
IQ
Quiescent current
IOUT = 0 mA
30
µA
ILKG
Power-down
current
PDN_VMMC = 0
1
µA
PSRR(1)
Power supply
rejection
IOUT = 150 mA
Vpp = 0.3 V
f < 20 kHz
45
dB
LIR
(1)
Line regulation
VOUT=2.85 V
VBAT: [3.1; 4.8]V
5mV
LDR
(1)
Load regulation
VOUT=2.85 V
IOUT= [1; 150] mA
10
mV
LIRT
Transient line
regulation
VOUT=2.85 V
VBAT: 3.1 to 3.4V
tR = tF = 10 µs.
2mV
LDRT
Transient load
regulation
IOUT = [1; 150] mA
tR = tF = 1 µs
25
mV
tS
Settling time
OFF->ON
IOUT = 0 mA
100
µs
tD
Discharge time
ON>OFF
IOUT = 0 mA
1
ms
Bus line specifications
RA(2)
Pull-up resistor
To prevent bus
floating
1.5
M
Ω
RB
Pull-down resistor
To prevent bus
floating
1.5
M
Ω
fDT
Clock frequency
data transfert
mode
With CL = 30pF
52
MHz
fID
Clock frequency
identification mode
With CL = 30pF
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com