Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 12Page - STMicroelectronics STW4810CRAELF Datasheet HTML 13Page - STMicroelectronics STW4810CRAELF Datasheet HTML 14Page - STMicroelectronics STW4810CRAELF Datasheet HTML 15Page - STMicroelectronics STW4810CRAELF Datasheet HTML 16Page - STMicroelectronics STW4810CRAELF Datasheet HTML 17Page - STMicroelectronics STW4810CRAELF Datasheet HTML 18Page - STMicroelectronics STW4810CRAELF Datasheet HTML 19Page - STMicroelectronics STW4810CRAELF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Functional description
STw4810
16/78
Figure 3.
Start-up timing
All regulators are started with PDN_regulators but can be switched off from the beginning or
during application by software (
Table 27)
PON ball
PDN__OSC
PDN_regulators
VDDOK ball
CLK32K_IN ball
PORn ball
PWREN ball
OFF
START_PM
Reset
1ms
INT_OSC
TCXO_EN ball
Internal_OSC
11*(1/32kHz)
OFF2
MASTER_CLK ball
REQUEST_MC ball
VBAT
300µs
9.38ms (11ms wc)
Reset
START_BIAS
7.77ms (9.46ms wc)
“or”
Delays are worst case maximum delays
Voutput(s) ball
VPLL / VIO_VMEM
VCORE
CLK32K ball
(*)
(*) If 32 kHz available before VDDOK signal rising edge, OFF2 state duration is null
PWREN unmasked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com