Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 6Page - STMicroelectronics STW4810CRAELF Datasheet HTML 7Page - STMicroelectronics STW4810CRAELF Datasheet HTML 8Page - STMicroelectronics STW4810CRAELF Datasheet HTML 9Page - STMicroelectronics STW4810CRAELF Datasheet HTML 10Page - STMicroelectronics STW4810CRAELF Datasheet HTML 11Page - STMicroelectronics STW4810CRAELF Datasheet HTML 12Page - STMicroelectronics STW4810CRAELF Datasheet HTML 13Page - STMicroelectronics STW4810CRAELF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
Ball information
STw4810
10/78
Table 2.
STw4810 balls function
Ball
Ball name
Ball type
Description
General supplies
D1
VBAT_DIG
VDDD-VBAT
Battery supply for digital/oscillator
C3
VMINUS_DIG
VSSD
Ground for digital and oscillator
C6
VBAT_ANA
VDDA-VBAT
Battery supply for analog
B5
VMINUS_ANA
VSSA
Ground for analog
F9
VBAT_USB
VDDA-VBAT
Battery supply for USB block
J9
VMINUS_USB
VSSA
Ground for USB block
A9
VREF_18
Int-Ref
Internal reference
Control balls
C8
PON
DI(VBAT)
Pull Down 1.5M
Ω
Power-on and reset
K4
SW_RESETn
DI(VIO_VMEM)
Pull Up 1.5M
Ω
Software reset, reset all applications when
SW_RESETn = 0
J2
VDDOK
DO(VIO_VMEM)
Supply monitoring for multimedia processors.
Interruption for high temperature warning
J3
PORn
DO(VIO_VMEM)
Multimedia processor Resetn
H6
PWREN
DI(VIO_VMEM)
Pull Up 1.5M
Ω
Sleep mode from multimedia processor
C1
TCXO_EN
DI(VIO_VMEM)
Pull Down 1.5M
Ω
Request of master clock from modem part
B2
REQUEST_MC
DO(VIO_VMEM)
Request to master clock oscillator
J6
SCL
DI(VIO_VMEM)
Clock for Main I2C interface
H7
SDA
DIO(VIO_VMEM)
SDA for Main I2C interface
D2
MASTER_CLK
AI
Pull Down 1.5M
Ω
26 MHz, 13 MHz or 19.2 MHz from modem
A1
CLK32K_IN
DI(VIO_VMEM)
Pull Down 1.5M
Ω
32 kHz input
K3
CLK32K
DO(VIO_VMEM)
32 kHz to multimedia processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com