Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 19Page - STMicroelectronics STW4810CRAELF Datasheet HTML 20Page - STMicroelectronics STW4810CRAELF Datasheet HTML 21Page - STMicroelectronics STW4810CRAELF Datasheet HTML 22Page - STMicroelectronics STW4810CRAELF Datasheet HTML 23Page - STMicroelectronics STW4810CRAELF Datasheet HTML 24Page - STMicroelectronics STW4810CRAELF Datasheet HTML 25Page - STMicroelectronics STW4810CRAELF Datasheet HTML 26Page - STMicroelectronics STW4810CRAELF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
STw4810
Functional description
23/78
USB control register 1
Table 10.
Vendor ID and Product ID: Read only
Name
Address
Register Value
Vendor ID
00h
83h
Vendor ID
01h
04h
Product ID
02h
10h
03h
40h
Table 11.
USB control register 1 (address = 04h set and 05h clearh)
Register
76543
210
Bit name
Not
used
uart_en
oe_int_
en
bdis_
acon_en
not used dat_se0 suspend
speed
Type
-
R/W
R/W
R/W
-
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
6
uart_en
0
1
Inactive
UART logic buffers are enabled
0
5
oe_int_en
0
1
Inactive
Allow to send interruption through USBOEn
0
4
bdis_acon_en
0
1
Inactive (default)
Enable A-device to connect if B-device disconnect
detected:
0
2
dat_se0
0
1
VP_VM USB mode
DAT_SE0 USB mode
0
1
suspend
0
1
Inactive (default)
Put transceiver in low power mode
0
0
speed
0
1
Set rise and fall times of transmit
Low speed
Full speed
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com