Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 31Page - STMicroelectronics STW4810CRAELF Datasheet HTML 32Page - STMicroelectronics STW4810CRAELF Datasheet HTML 33Page - STMicroelectronics STW4810CRAELF Datasheet HTML 34Page - STMicroelectronics STW4810CRAELF Datasheet HTML 35Page - STMicroelectronics STW4810CRAELF Datasheet HTML 36Page - STMicroelectronics STW4810CRAELF Datasheet HTML 37Page - STMicroelectronics STW4810CRAELF Datasheet HTML 38Page - STMicroelectronics STW4810CRAELF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
STw4810
Functional description
35/78
4.3.2
VCORE regulator: DC/DC step-down regulator
This regulator drives the core of the multimedia processor. VCORE is a DC/DC step-down
regulator that generates the regulated power supply with very high efficiency. The 15 voltage
levels enable dynamic voltage and frequency scaling suitable for any supply voltage of
CMOS process, they also follow the processor process roadmap. The regulated output
voltage levels are adjustable by the power control registers (
Table 22), via the main I2C
interface (SDA, SCL).
The master clock (13, 19.2 or 26 MHz) is automatically detected, squared and divided to
generate the switching clock of the SMPS. When this clock is not available, regulators run
the internal RC oscillator.
The DC/DC step-down regulator has the following main features;
●
Programmable output voltage, 15 levels from 1.0 V to 1.5 V (VCORE_SEL [3:0] bits of
power control register -
Table 22)
●
3 power domains:
–
‘Normal mode’ when multimedia processor is in run mode, 600 mA full load
–
‘Low current mode’ when multimedia processor is in sleep mode, 5 mA current
capability.
Fast switching from low current to normal mode.
The regulator is in ‘low current mode’ when multimedia processor is in sleep
mode. PWREN signal indicates that the multimedia processor is about to switch to
run mode. VDDOK signal indicates to the multimedia processor that all supplies
are in the specified range.
Note:
The definition of sleep mode is given in section 4.2.3: Sleep mode.
●
‘Power down mode’ or ‘standby mode’ when regulator is switched off, no consumption
(EN_VCORE bit of power control register -
Table 28)
●
Soft start circuitry at start up, from power off to normal mode, when PON ball changes
from “0” to “1”.
●
Default setting defined by start-up configuration.
4.3.3
VIO_VMEM regulator: DC/DC step- down regulator
VIO_VMEM step-down regulator has the same structure than VCORE.
The VIO_VMEM regulator supplies the IOs of the multimedia processor and its peripherals.
This regulator can be used to supply the memories working with the multimedia processor,
such as DDR-SDRAM. A switched mode power supply - voltage down converter is used to
generate the 1.8 V regulated power supply with very high efficiency.
The master clock (13, 19.2 or 26 MHz) is automatically detected, squared and divided to
generate the SMPS switching clock. When this clock is not available, regulators can run the
internal RC oscillator.
Main features
●
Fixed 1.8 V output voltage
●
Two power domains:
–
‘Normal mode’ when multimedia processor is in run mode - 600 mA full load
–
‘Low current mode’ when multimedia processor is in sleep mode, 5 mA current
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com