Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 28Page - STMicroelectronics STW4810CRAELF Datasheet HTML 29Page - STMicroelectronics STW4810CRAELF Datasheet HTML 30Page - STMicroelectronics STW4810CRAELF Datasheet HTML 31Page - STMicroelectronics STW4810CRAELF Datasheet HTML 32Page - STMicroelectronics STW4810CRAELF Datasheet HTML 33Page - STMicroelectronics STW4810CRAELF Datasheet HTML 34Page - STMicroelectronics STW4810CRAELF Datasheet HTML 35Page - STMicroelectronics STW4810CRAELF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
Functional description
STw4810
32/78
Power control register at address 0Ah
Twarning register
Table 27.
Power control register at address 0Ah
Address 1Fh
Address 1Eh
15
14
13
12
11
10
9876
5
4321
0
Not used
0101
0
vaux_
force_
sleep
not
used
vio_
vmem_
force_
sleep
vcore_
force_
sleep
EN
Bits
Name
Value
Settings
Default
4
vaux_force_sleep
0
1
0: VAUX in normal mode
1: VAUX goes in sleep mode (for any PWREN level)
0
2
vio_vmem_force_
sleep
0
1
0: VIO_VMEM in normal mode
1: VIO_VMEM goes in sleep mode (for any PWREN
level)
0
1
vcore_force_sleep
0
1
0: VCORE stays in normal mode
1: VCORE goes in sleep mode (for any PWREN level)
0
Table 28.
Twarning register (Address = 20h)
Register
76543
210
Bit name
Not used
mask_
twarn
Type
-R/W
Bits
Name
Value
Settings
Default
0
mask_twarn
0
1
Inactive
Mask TWARN interruption (it_twarn bit) through
VDDOK
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com