Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 20Page - STMicroelectronics STW4810CRAELF Datasheet HTML 21Page - STMicroelectronics STW4810CRAELF Datasheet HTML 22Page - STMicroelectronics STW4810CRAELF Datasheet HTML 23Page - STMicroelectronics STW4810CRAELF Datasheet HTML 24Page - STMicroelectronics STW4810CRAELF Datasheet HTML 25Page - STMicroelectronics STW4810CRAELF Datasheet HTML 26Page - STMicroelectronics STW4810CRAELF Datasheet HTML 27Page - STMicroelectronics STW4810CRAELF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Functional description
STw4810
24/78
USB control register 2
Table 12.
USB control register 2 (Address = 06h set and 07h clearh)
Register
765
4
3
210
Bit name
vbus_
chrg
vbus_
dischrg
vbus_
drv
id_gnd
dn_
pulldown
dp_
pulldow
n
dn_
pullup
dp_
pullup
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
7
vbus_chrg
0
1
Inactive
Charge VBUS through a resistor
0
6
vbus_dischrg
0
1
Inactive
Discharge VBUS through a resistor to ground.
0
5
vbus_drv
0
1
Inactive
Provide power to VBUS
0
4
id_gnd
0
1
Inactive
Connect ID ball to ground
0
3
dn_pulldown
0
1
Inactive
Connect DN pull-down
0
2
dp_pulldown
0
1
Inactive
Connect DP pull-down
0
1
dn_pullup
0
1
Inactive
Connect DN pull-up
0
0
dp_pullup
0
1
Inactive
Connect DP pull-up
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com