Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CRAELF Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 34Page - STMicroelectronics STW4810CRAELF Datasheet HTML 35Page - STMicroelectronics STW4810CRAELF Datasheet HTML 36Page - STMicroelectronics STW4810CRAELF Datasheet HTML 37Page - STMicroelectronics STW4810CRAELF Datasheet HTML 38Page - STMicroelectronics STW4810CRAELF Datasheet HTML 39Page - STMicroelectronics STW4810CRAELF Datasheet HTML 40Page - STMicroelectronics STW4810CRAELF Datasheet HTML 41Page - STMicroelectronics STW4810CRAELF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Functional description
STw4810
38/78
4.3.9
Thermal shut-down
A thermal sensor is used to monitor the die temperature.
●
As soon as the die temperature exceeds the thermal warning rising threshold, VDDOK
ball goes to “0” and ‘it_warn’ bit is set to “1” (SD MMC control register -
Table 18). The
IC turns back VDDOK ball to “1” and ‘it_warn’ bit to “0” when the device temperature
drops below the thermal warning falling threshold of the thermal sensor.
●
A second thermal detection level, thermal shutdown threshold, puts all STw4810
supplies OFF, the supplies goes back to goes back to ON state when the temperature
is under the thermal shutdown threshold and after a new startup phase.
Figure 11.
Thermal threshold temperatures for ‘it_warn’ bit and VDDOK ball
Table 30.
Thermal threshold values
Description
Min
Typ
Max
Unit
Thermal warning threshold
Rising threshold
134
140
149
°C
Falling threshold
117
123
131
°C
Thermal shutdown threshold
Threshold
149
155
164
°C
‘it_warn’ bit
VDDOK ball
Temperature
Rising warning
threshold
Shutdown
threshold
All supplies
are turn “OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com