Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MB85R4M2T Datasheet HTML 1Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 2Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 3Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 4Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 5Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 6Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DS501-00024-6v1-E
5
MB85R4M2T
State Transition Diagram
FUNCTIONAL TRUTH TABLE OF BYTE CONTROL
Operation Mode
/WE
/OE
/LB
/UB
I/O0 to I/O7
I/O8 to I/O15
Read(Without Output)
H
H
×
×
Hi-Z
Hi-Z
H
×
H
H
Hi-Z
Hi-Z
Read(I/O8 to I/O15)
H
L
H
L
Hi-Z
Output
Read(I/O0 to I/O7)
L
H
Output
Hi-Z
Read(I/O0 to I/O15)
L
L
Output
Output
Write(I/O8 to I/O15)
↑
×
H
L
×
Input
Write(I/O0 to I/O7)
L
H
Input
×
Write(I/O0 to I/O15)
L
L
Input
Input
Note: H= “H” level,
L= “L” level,
↑= Rising edge,
↓= Falling edge,
×= H, L, ↓ or ↑
Hi-Z= High Impedance
In case the byte reading or writing are not selected, /LB and /UB pins shall be connected to GND pin.
In writing, please don’t switch /LB and/or /UB during /CE=”L”.
Standby
RD/WR
Operation
Sleep
Power Up
/ZZ=L
/CE=L, /ZZ=H
/CE=H,/ZZ=H
/ZZ=H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com