Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 7 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 7 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 3Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 4Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 5Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 6Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 10Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS501-00024-6v1-E
7
MB85R4M2T
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input Leakage
Current
|ILI|
VIN = 0V to VDD
―
―
5
μA
Output Leakage
Current
|ILO|
VOUT = 0V to VDD
/CE = VIH or /OE = VIH
―
―
5
μA
Operating Power
Supply Current*1
IDD
/CE = 0.2 V, Iout = 0 mA
―
15
20
mA
Standby Current
ISB
/ZZ ≥ VDD − 0.2V
/CE, /WE, /OE ≥ VDD − 0.2V
/LB, /UB ≥ VDD − 0.2V
Others ≥ VDD − 0.2V or ≤ 0.2V
―
30
150
μA
Sleep Current
IZZ
/ZZ = VSS
/CE, /WE, /OE ≥ VDD − 0.2V
/LB, /UB ≥ VDD − 0.2V
Others ≥ VDD − 0.2V or ≤ 0.2V
―
5
20
μA
High Level Input
Voltage
VIH
VDD = 1.8V to 3.6V
VDD × 0.8
―
VDD + 0.3
V
Low Level Input
Voltage
VIL
VDD = 1.8V to 3.6V
− 0.3
―
VDD × 0.17
V
High Level
Output Voltage
VOH1
VDD = 2.7V to 3.6V
IOH = − 1.0mA
VDD × 0.8
―
―
V
VOH2
VDD = 1.8V to 2.7V
IOH = − 100μA
VDD − 0.2
―
―
Low Level Output
Voltage
VOL1
VDD = 2.7V to 3.6V
IOL = 2.0mA
―
―
0.4
V
VOL2
VDD = 1.8V to 2.7V
IOL = 150μA
―
―
0.2
*1: During the measurement of IDD, all Address and I/O were taken to only change once per active cycle.
Iout : output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com