Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 5Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 6Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 10Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 11Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 12Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS501-00024-6v1-E
9
MB85R4M2T
(2) Write Cycle
Parameter
Symbol
Value
(VDD=1.8V to 2.7V)
Value
(VDD=2.7V to 3.6V)
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
185
―
150
―
ns
/CE Active Time
tCA
95
―
75
―
ns
/CE↓ to /WE↑ Time
tCW
95
―
75
―
ns
Pre-charge Time
tPC
90
―
75
―
ns
Write Pulse Width
tWP
20
―
20
―
ns
Address Setup Time
tAS
0
―
0
―
ns
Address Hold Time
tAH
95
―
75
―
ns
/WE↓ to /CE↑ Time
tWLC
20
―
20
―
ns
Address Transition to /WE↑ Time
tAWH
185
―
150
―
ns
/WE↑ to Address Transition Time
tWHA
0
―
0
―
ns
/LB, /UB Setup Time
tBS
2
―
2
―
ns
/LB, /UB Hold Time
tBH
0
―
0
―
ns
Data Setup Time
tDS
10
―
10
―
ns
Data Hold Time
tDH
0
―
0
―
ns
/WE Output Floating Time
tWZ
―
10
―
10
ns
/WE Output Access Time*1
tWX
10
―
10
―
ns
Write Setup Time*1
tWS
0
―
0
―
ns
Write Hold Time*1
tWH
0
―
0
―
ns
*1: Writing operation applies “Write Cycle Timing 1” or “Write Cycle Timing 2” by the relation of /CE and
/WE timing. The values of tWX, tWS and tWH are defined by these operations. The conditions of tWS and
tWH are not checked at shipping test.
(3) Power ON/OFF Sequence and Sleep Mode Cycle
Parameter
Symbol
Value
Unit
Min
Max
/CE level hold time for Power ON
tPU
450
―
μs
/CE level hold time for Power OFF
tPD
85
―
ns
Power supply rising time
tVR
50
―
μs/V
Power supply falling time
tVF
100
―
μs/V
/ZZ active time
tZZL
1
―
μs
Sleep mode enable time
tZZEN
―
0
μs
/CE level hold time for Sleep mode release
tZZEX
450
―
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com