Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85R4M2T Datasheet HTML 1Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 2Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 3Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 4Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 5Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 6Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
DS501-00024-6v1-E
MB85R4M2T
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
/OE
/UB
/LB
I/O15
I/O14
I/O13
I/O12
VSS
VDD
I/O11
I/O10
I/O9
I/O8
/ZZ
A8
A9
A10
A11
A12
TSOP 44
(TOP VIEW)
A4
A3
A2
A1
A0
/CE
I/O0
I/O1
I/O2
I/O3
VDD
VSS
I/O4
I/O5
I/O6
I/O7
/WE
A17
A16
A15
A14
A13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com