Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 10Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 11Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 12Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 13Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 14Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 15Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 16Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS501-00024-6v1-E
13
MB85R4M2T
5. Write Cycle Timing 3 (Address Access and /WE Control)
6. Sleep Mode Timing
t
CAH
t
AS
A0 to A17
/ CE
/ LB,/ UB
Valid Address
Valid Address
t
WC
t
AX
t
WC
t
BS
Valid Address
t
AH
t
AX
t
PC
t
HZ
t
DS
t
DH
t
WZ
t
WP
t
WX
t
WP
t
AWH
t
AWH
t
WHA
t
WHA
* : In case the / OE is ・L・level, any bus conflict of input and output data shal l not occur.
Valid Output Data
Valid Input Data
Invalid Out put Data
/ WE
I/ O0 to I/ O15
XXX : H or L
* : In case the / OE is ・L・level, invalid data are output to data bus.
t
WX
t
DS
t
DH
t
WZ
t
BH
Valid Input Data
Invalid Output Data
Invalid Out put Data
t
WX
t
WZ
t
DS
t
DH
t
WP
t
WHA
Invalid Out put Data
t
PC
t
ZZL
t
ZZEX
/ WE
/ CE
/ ZZ
I/ O0 to I/ O15
t
ZZEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com