Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 10Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 11Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 12Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 13Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 14Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 15Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 16Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 17Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
DS501-00024-6v1-E
MB85R4M2T
POWER ON/OFF SEQUENCE
FeRAM CHARACTERISTICS
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1013
―
Times/16 bits Operation Ambient Temperature
TA = + 85 °C
Data Retention*2
10
―
Years
Operation Ambient Temperature
TA = + 85 °C
95
―
Operation Ambient Temperature
TA = + 55 °C
≥ 200
―
Operation Ambient Temperature
TA = + 35 °C
*1: Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates with destructive readout mechanism.
*2: Minimum values define retention time of the first reading/writing data right after shipment, and these
values are calculated by qualification results.
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be
guaranteed.
* : /CE (Max) < V
DD+0.3V
/CE Don’t Care
t
PD
t
PU
/CE >V
DD×0.8*
/CE>V
DD×0.8*
t
VF
t
VR
/CE
V
DD
V
SS
V
IH(Min)
V
IL(Max)
V
DD(Min)
1.0V
V
DD
V
IH(Min)
V
IL(Max)
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com