Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 16Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 17Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 18Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 19Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 20Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 21Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 22Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 23Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
DS501-00024-6v1-E
MB85R4M2T
PACKING
1. Tray
1.1 Tray dimensions
Maximum storage capacity
pcs/tray
pcs/inner box
pcs/outer box
126
1260
(10trays)
5040
(4 inner boxes, Max)
TSOP 44
Dimensions in mm.
Material: Conductive-Polyphenyleneether(PPE)
Heat resistance temperature: 150℃(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com