Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85R4M2T Datasheet HTML 1Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 2Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 3Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 4Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 5Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 6Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's part number
unchanged.
DS501-00024-6v1-E
Memory FeRAM
4 M (256 K × 16) Bit
MB85R4M2T
DESCRIPTIONS
The MB85R4M2T is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 262,144
words × 16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS
process technologies.
The MB85R4M2T is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R4M2T can be used for 1013 read/write operations, which is a
significant improvement over the number of read and write operations supported by Flash memory and
E2PROM. The MB85R4M2T uses a pseudo-SRAM interface.
FEATURES
• Bit configuration
: 262,144 words × 16 bits
• LB and UB data byte control
: Available Configuration of 524,288 words × 8 bits
• Read/write endurance
: 1013 times / 16 bits
• Data retention
: 10 years ( + 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage
: 1.8 V to 3.6 V
• Low power operation
: Operating power supply current 20 mA (Max)
Standby current 150 μA (Max)
Sleep current 20 μA (Max)
• Operation ambient temperature range : − 40 °C to + 85 °C
• Package
: 44-pin plastic TSOP
RoHS compliant


Similar Part No. - MB85R4M2T

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R4M2T FUJITSU-MB85R4M2T Datasheet
57Kb / 2P
FRAM chip consisting of 262,144 words횞16 bits of nonvolatile memory
MB85R4M2TFN-G FUJITSU-MB85R4M2TFN-G Datasheet
720Kb / 23P
4 M (256 K 횞 16) Bit
MB85R4M2TFN-G-ASE1 FUJITSU-MB85R4M2TFN-G-ASE1 Datasheet
57Kb / 2P
FRAM chip consisting of 262,144 words횞16 bits of nonvolatile memory
More results

Similar Description - MB85R4M2T

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
4 M SRAM (256-kword 쨈 16-bit)
logo
fujitsu semiconductor
MB85R4M2TFN-G FUJITSU-MB85R4M2TFN-G Datasheet
720Kb / 23P
4 M (256 K 횞 16) Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com