Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85R4M2T Datasheet(PDF) 11 Page - RAMXEED LIMITED

Part # MB85R4M2T
Description  4 M (256 K × 16) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R4M2T Datasheet(HTML) 11 Page - RAMXEED LIMITED

Back Button MB85R4M2T Datasheet HTML 7Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 8Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 9Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 10Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 11Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 12Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 13Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 14Page - RAMXEED LIMITED MB85R4M2T Datasheet HTML 15Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DS501-00024-6v1-E
11
MB85R4M2T
TIMING DIAGRAMS
1. Read Cycle Timing 1 (/CE Control)
2. Read Cycle Timing 2 (Address Access)
t
CAH
XXX : H or L
t
PC
t
AS
t
AH
t
CE
tOE
tBA
t
CA
t
HZ
t
OHZ
t
BHZ
t
OH
Valid Address
Valid Out put Data
A0 to A17
I/ O0 to I/ O15
/ CE
/ OE
/ LB,/ UB
t
RC
t
AS
t
AA
A0 to A17
I/ O0 to I/ O15
/ CE
/ OE
/ LB,/ UB
Valid Address
Valid Address
Valid Output Data
Valid Output Data
t
RC
t
AX
t
RC
t
OAH
XXX : H or L
t
OE
t
BA
Valid Address
t
AA
t
AH
t
CE
t
AX
t
OAH
t
PC
t
OH
t
HZ
t
OH Z
t
BHZ
Valid Output Data
t
CAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com