Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 17Page - Texas Instruments ADS9217 Datasheet HTML 18Page - Texas Instruments ADS9217 Datasheet HTML 19Page - Texas Instruments ADS9217 Datasheet HTML 20Page - Texas Instruments ADS9217 Datasheet HTML 21Page - Texas Instruments ADS9217 Datasheet HTML 22Page - Texas Instruments ADS9217 Datasheet HTML 23Page - Texas Instruments ADS9217 Datasheet HTML 24Page - Texas Instruments ADS9217 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
7.3.4 Reference Voltage
The ADS911x has a precision, low-drift voltage reference internal to the device. For best performance, filter the
internal reference noise (as shown in Figure 7-2) by connecting a 10µF ceramic bypass capacitor to the REFIO
pin. As shown in Figure 7-3, connect an external reference at the REFIO pin. When using an external reference,
disable the internal reference voltage by writing PD_REF = 1b in address 0xC1 of register bank 1.
REFIO
4.096 V
10 μF
GND
PD_REF = 0
1 k
User register bit
External capacitor
for reference
noise reduction
AVDD_5V
REFM
GND
ADC REF
Figure 7-2. Internal Reference Voltage
REFIO
4.096 V
10 μF
GND
PD_REF = 1
1 k
User register bit
REF7040
5V
AVDD_5V
OUTF
OUTS
VIN
EN
GND
REFM
GND
ADC REF
Figure 7-3. External Reference Voltage
7.3.5 Temperature Sensor
The ADS911x features a 10-bit temperature sensor for measuring temperature inside the device. Follow the
sequence listed in Table 7-2 to read the temperature sensor output with the SPI. Read the temperature sensor
data at anytime independent of the ADC data interface.
Equation 1 calculates the transfer function for the temperature sensor.
Temperature=−85.0172+(10bitoutput×0.24918)°C
(1)
www.ti.com
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com