Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 4 Page - Texas Instruments

  ADS9217 Datasheet HTML 1Page - Texas Instruments ADS9217 Datasheet HTML 2Page - Texas Instruments ADS9217 Datasheet HTML 3Page - Texas Instruments ADS9217 Datasheet HTML 4Page - Texas Instruments ADS9217 Datasheet HTML 5Page - Texas Instruments ADS9217 Datasheet HTML 6Page - Texas Instruments ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
5 Pin Configuration and Functions
1
AVDD_5V
30
FCLKP
2
GND
29
FCLKM
3
AINP
28
DOUTP
4
AINM
27
DOUTM
5
VCMOUT
26
NC
6
REFM
25
NC
7
GND
24
DCLKP
8
GND
23
DCLKM
9
GND
22
PWDN
10
AVDD_5V
21
RESET
Not to scale
Thermal Pad
Figure 5-1. RHA Package, 6mm × 6mm, 40-Pin VQFN (Top View)
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AINM
4
I
Negative analog input for ADC.
AINP
3
I
Positive analog input for ADC.
AVDD_5V
1, 10
P
5V analog power-supply pin.
CS
17
I
Chip-select input pin for the interface configuration; active low.
DCLKM
23
O
Negative differential data clock output. Connect a 100Ω resistor between DCLKP
and DCLKM close to the receiver.
DCLKP
24
O
Positive differential data clock output. Connect a 100Ω resistor between DCLKP
and DCLKM close to the receiver.
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com