Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 30Page - Texas Instruments ADS9217 Datasheet HTML 31Page - Texas Instruments ADS9217 Datasheet HTML 32Page - Texas Instruments ADS9217 Datasheet HTML 33Page - Texas Instruments ADS9217 Datasheet HTML 34Page - Texas Instruments ADS9217 Datasheet HTML 35Page - Texas Instruments ADS9217 Datasheet HTML 36Page - Texas Instruments ADS9217 Datasheet HTML 37Page - Texas Instruments ADS9217 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
8 Register Map
8.1 Register Bank 0
Figure 8-1. Register Bank 0 Map
ADD
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00h
RESERVED
SPI_MO
DE
SPI_RD
_EN
RESET
01h
RESERVED
DAISY_CHAIN_LEN
RESERVED
03h
RESERVED
REG_BANK_SEL
04h
RESERVED
INIT_1
06h
REG_00H_READBACK
Table 8-1. Register Section/Block Access Type Codes
Access Type
Code
Description
R
R
Read
W
W
Write
R/W
R/W
Read or write
Reset or Default Value
-n
Value after reset or the default value
8.1.2 Register 00h (offset = 0h) [reset = 0h]
Figure 8-2. Register 00h
15
14
13
12
11
10
9
8
RESERVED
W-0h
7
6
5
4
3
2
1
0
RESERVED
SPI_MODE
SPI_RD_EN
RESET
W-0h
W-0h
W-0h
W-0h
Figure 8-3. Register 00h Field Descriptions
Bit
Field
Type
Reset
Description
15-3
RESERVED
W
0h
Reserved. Do not change from the default reset value.
2
SPI_MODE
W
0h
Select between legacy SPI mode and daisy-chain SPI
mode for the configuration interface to enable register
access.
0 : Daisy-chain SPI mode
1 : Legacy SPI mode
1
SPI_RD_EN
W
0h
Enable register read access in legacy SPI mode. This bit
has no effect in daisy-chain SPI mode.
0 : Register read disabled
1 : Register read enabled
0
RESET
W
0h
ADC reset control.
0 : Normal device operation
1 : Resets the ADC and all registers
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com