Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 4Page - Texas Instruments ADS9217 Datasheet HTML 5Page - Texas Instruments ADS9217 Datasheet HTML 6Page - Texas Instruments ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments ADS9217 Datasheet HTML 10Page - Texas Instruments ADS9217 Datasheet HTML 11Page - Texas Instruments ADS9217 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
6.5 Electrical Characteristics
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, internal VREF = 4.096V, and maximum throughput (unless
otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
IB
Input bias current
0.1
nA
Input bias current thermal drift
TA = 0°C to 70°C
0.02
nA/
℃
TA = –40°C to 125°C
0.1
DC PERFORMANCE
Resolution
No missing codes
18
Bits
DNL
Differential nonlinearity
–0.9
±0.4
0.9
LSB
INL
Integral nonlinearity
TA = 0°C to 70°C, all devices
–1.125
±0.8
1.125
LSB
TA = –40°C to 125°C, all devices
–1.9
±0.8
1.9
LSB
V(OS)
Input offset error(1)
±40
LSB
dVOS/dT Input offset error thermal drift(1)
0.25
1 ppm/°C
GE
Gain error(1)
–0.05
±0.01
0.05
%FSR
dGE/dT
Gain error thermal drift(1)
0.5
2 ppm/°C
AC PERFORMANCE
SINAD
Signal-to-noise + distortion ratio
fIN = 2kHz
93
95.4
dB
fIN = 1MHz
94.3
SNR
Signal-to-noise ratio
fIN = 2kHz
93.3
95.5
dBFS
fIN = 1MHz
94.9
THD
Total harmonic distortion
fIN = 2kHz, ADS9117 and ADS9118
–120
dB
fIN = 2kHz, ADS9119 at 20MSPS
–118
fIN = 1MHz, all devices
–104
SFDR
Spurious-free dynamic range
fIN = 2kHz
118
dB
fIN = 1MHz
104
Isolation crosstalk
fIN = 2kHz
120
dB
Aperture jitter
SIngle-ended CMOS clock on
SMPL_CLKP
0.3
psRMS
Differential LVDS sampling clock
0.8
BW
Input Bandwidth (–3dB)
ADS9119
90
MHz
ADS9118
90
ADS9117
45
INTERNAL REFERENCE
VREF (2)
Voltage on REFIO pin
(configured as output)
1µF capacitor on REFIO pin, TA = 25°C
4.092
4.096
4.1
V
Reference temperature drift
6
20 ppm/°C
COMMON-MODE OUTPUT BUFFER
VCMOUT
Common-mode output voltage
ADS9119
2.2
2.460
2.65
V
ADS9118
2.2
2.410
2.65
ADS9117
2.2
2.385
2.65
Output current drive
0
5
μA
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com