Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 7Page - Texas Instruments ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments ADS9217 Datasheet HTML 10Page - Texas Instruments ADS9217 Datasheet HTML 11Page - Texas Instruments ADS9217 Datasheet HTML 12Page - Texas Instruments ADS9217 Datasheet HTML 13Page - Texas Instruments ADS9217 Datasheet HTML 14Page - Texas Instruments ADS9217 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
6.7 Switching Characteristics
at AVDD_5V = 4.75V to 5.25V, VDD_1V8 = 1.75V to 1.85V, internal VREF = 4.096V, and maximum throughput (unless
otherwise noted); minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
RESET
tPU
Power-up time for device
25
ms
LVDS DATA INTERFACE
tRT
Rise time
With 50Ω
transmission line of
length = 20mm,
differential RL =
100Ω, and CL = 1pF
600
ps
tFT
Fall time
600
ps
tCYCLE
Sampling clock period
ADS9119
50
ns
ADS9118
100
ADS9117
200
tDCLK
Clock output
4.167
ns
Clock duty cycle
45
55
%
td_DCLKDO
Time delay: DCLKP rising to corresponding
data valid
SDR mode
–0.35
0.35
ns
toff_DCLKDO_r
Time offset: DCLKP rising to corresponding
data valid
DDR mode
tDCLK / 4 – 0.35
tDCLK / 4 + 0.35
ns
toff_DCLKDO_f
Time offset: DCLKP falling to corresponding
data valid
DDR mode
tDCLK / 4 – 0.35
tDCLK / 4 + 0.35
ns
tPD
Time delay: SMPL_CLK falling to DCLKP
rising
tDCLK
ns
tPU_SMPL_CLK
Time delay: Free-running clock connected
to SMPL_CLK to ADC data valid
100
µs
tLAT (1)
Time delay: Internal digital delay to MSB of
data output
3
12
ns
SPI TIMINGS
tden_CKDO
Time delay: 8th SCLK rising edge to SDO
enable
30
ns
tdz_CKDO
Time delay: 24th SCLK rising edge to SDO
going Hi-Z
30
ns
td_CKDO
Time delay: SCLK launch edge to
corresponding data valid on SDO
30
ns
tht_CKDO
Hold time: SCLK launch edge to previous
data valid on SDO
2
ns
(1)
See section on ADC Sampling Clock Input for more details on data output latency.
www.ti.com
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com