Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 20Page - Texas Instruments ADS9217 Datasheet HTML 21Page - Texas Instruments ADS9217 Datasheet HTML 22Page - Texas Instruments ADS9217 Datasheet HTML 23Page - Texas Instruments ADS9217 Datasheet HTML 24Page - Texas Instruments ADS9217 Datasheet HTML 25Page - Texas Instruments ADS9217 Datasheet HTML 26Page - Texas Instruments ADS9217 Datasheet HTML 27Page - Texas Instruments ADS9217 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Use a decimation factor of either 2, 4, 8, or 16 with the DDC. Table 7-5 shows the register configuration for
decimating the DDC output.
Table 7-5. Decimation Settings for the DDC
DECIMATION
REGISTER
VALUE
2
OSR_EN (0x0D[6])
1
OSR (0x0D[5:2]
0
OSR_CLK (0xC0[9:7])
0
Common settings for decimation factors 4, 8,
and 16
CLK3 (0xC5[9])
1
OSR_INIT1 (0xC0[11:10])
1
OSR_INIT2 (0xC4[5:4])
2
OSR_INIT3 (0xC4[1])
1
OSR_EN (0x0D[6])
1
4
OSR (0x0D[5:2]
1
OSR_CLK (0xC0[9:7])
0
8
OSR (0x0D[5:2]
2
OSR_CLK (0xC0[9:7])
4
16
OSR (0x0D[5:2]
3
OSR_CLK (0xC0[9:7])
5
7.3.8 Data Interface
The ADS911x features a high-speed, serial LVDS data interface with output data frame width to 20 bits or 24 bits
with the single-data rate (SDR) and double-data rate (DDR) modes.
Configure the INIT_1 register field before writing to other register fields, as described in Table 7-6 and Table 7-7.
Table 7-6. Register Map Settings for Output Data Interface for the ADS9117
DATA
FRAME
WIDTH
(Bits)
DATA
RATE
INIT_1
0x04[3:0]
DATA_LA
NES
0x12[2:0]
DATA_RA
TE
0xC1[8]
CLK1
0xC0[12]
CLK2
0xC1[0]
CLK3
0xC5[9]
CLK4
0xC5[3:2]
CLK5
0xFB[1]
CLK6
0x1C[7:6]
20
SDR
0x000B
0
1
0
1
0
3
0
3
20
DDR
0x000B
0
0
0
1
0
3
0
3
24
SDR
0x0000
2
1
0
0
0
0
0
0
24
DDR
0x0000
2
0
0
0
0
0
0
0
Table 7-7. Register Map Settings for Output Data Interface for the ADS9119 and ADS9118
DATA
FRAME
WIDTH
(Bits)
DATA
RATE
INIT_1
0x04[3:0]
DATA_LA
NES
0x12[2:0]
DATA_RA
TE
0xC1[8]
CLK1
0xC0[12]
CLK2
0xC1[0]
CLK3
0xC5[9]
CLK4
0xC5[3:2]
CLK5
0xFB[1]
CLK6
0x1C[7:6]
20
SDR
—
Not supported
20
DDR
—
Not supported
24
SDR
—
2
1
0
0
0
0
0
0
24
DDR
—
2
0
0
0
0
0
0
0
The ADS911x generates a data clock DCLK that is a multiple of the ADC sampling clock SMPL_CLK. The data
clock frequency depends on the data frame width and data rate. The data frame width is 20 or 24 bits and the
data rate is SDR or DDR. The following equation calculates the DCLK speed. Table 7-8 lists the possible values
for the output data clock frequency.
DCLKspeed= DataFrameWidth 24bitor20bit
DataRateSDR=1,DDR=2 ×SMPL_CLK
(4)
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com