Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 45Page - Texas Instruments ADS9217 Datasheet HTML 46Page - Texas Instruments ADS9217 Datasheet HTML 47Page - Texas Instruments ADS9217 Datasheet HTML 48Page - Texas Instruments ADS9217 Datasheet HTML 49Page - Texas Instruments ADS9217 Datasheet HTML 50Page - Texas Instruments ADS9217 Datasheet HTML 51Page - Texas Instruments ADS9217 Datasheet HTML 52Page - Texas Instruments ADS9217 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
8.2.20 Register FEh (offset = FEh) [reset = 0h]
Figure 8-51. Register FEh
15
14
13
12
11
10
9
8
NCO_FREQUENCY
R/W-0h
7
6
5
4
3
2
1
0
NCO_FREQUENCY
R/W-0h
Figure 8-52. Register FEh Field Descriptions
Bit
Field
Type
Reset
Description
15-0
NCO_FREQUEN
CY
R/W
0h
Upper 16 bits of the NCO phase count. See the Digital
Down Converter section.
www.ti.com
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com