Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 8Page - Texas Instruments ADS9217 Datasheet HTML 9Page - Texas Instruments ADS9217 Datasheet HTML 10Page - Texas Instruments ADS9217 Datasheet HTML 11Page - Texas Instruments ADS9217 Datasheet HTML 12Page - Texas Instruments ADS9217 Datasheet HTML 13Page - Texas Instruments ADS9217 Datasheet HTML 14Page - Texas Instruments ADS9217 Datasheet HTML 15Page - Texas Instruments ADS9217 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
6.8 Timing Diagrams
D
23
D
22
D
21
D
20
D
19
D
18
D
17
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
16
D
7
D
4
D
8
D
3
D
2
D
1
D
0
D
24
tDCLK
Sample N
tPH_SMPLCLK
tPL_SMPLCLK
tPD
1
2
3
4
5
6
7
8
9
10
11
12
D
5
SMPL_CLK
DOUTP –
DOUTM
FCLKP –
FCLKM
DCLKP –
DCLKM
6 x tDCLK
toff_DCLKDO_r
toff_DCLKDO_f
D
6
tCYCLE
Figure 6-1. LVDS Data Interface: DDR
D23
tCYCLE
SMPL_CLK
DOUTP –
DOUTM
Sample N
tPH_SMPLCLK
tPL_SMPLCLK
FCLKP –
FCLKM
tPD
DCLKP –
DCLKM
1
2
3
12
13
14
15
16
22
23
24
tDCLK
D22
D12
D10
D9
D8
D2
D1
17
D0
12 x tDCLK
1
td_DCLKDO
D11
Figure 6-2. LVDS Data Interface: SDR
tRT
VDIFF = (OUT+) – –OUT)
20%
80%
–VOD
VOD
80%
20%
tFT
Figure 6-3. LVDS Output Transition Times
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com