Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS9217
Description  ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS9217 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS9217 Datasheet HTML 28Page - Texas Instruments ADS9217 Datasheet HTML 29Page - Texas Instruments ADS9217 Datasheet HTML 30Page - Texas Instruments ADS9217 Datasheet HTML 31Page - Texas Instruments ADS9217 Datasheet HTML 32Page - Texas Instruments ADS9217 Datasheet HTML 33Page - Texas Instruments ADS9217 Datasheet HTML 34Page - Texas Instruments ADS9217 Datasheet HTML 35Page - Texas Instruments ADS9217 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
N x 24 bits
CS
SCLK
PICO
Logic 0 (when SPI_MODE = 0b)
POCI
DADCN
DADC3
DADC2
DADC1
Figure 7-16. Register Write With Daisy-Chain
N x 24 bits
CS
SCLK
DAISY_CHAIN_LEN = 3 {ADC1}
DAISY_CHAIN_LEN = 0 {ADC2, ADC3, and ADCN}
DADC1[23:0] = DADC2[23:0] = DADC3[23:0] = DADCN[23:0] = { 0000 0001, 0000 0000, N-1, 00}
PICO
Logic 0 (when SPI_MODE = 0b)
POCI
Frame 1
Frame 2
DADCN
DADC3
DADC2
DADC1
DADCN
DADC3
DADC2
DADC1
Frame 3
DADCN
DADC3
DADC2
DADC1
Frame N
DADCN
DADC3
DADC2
DADC1
DAISY_CHAIN_LEN = 3 {ADC1 and ADC2}
DAISY_CHAIN_LEN= 0 {ADC3, ADCN}
DAISY_CHAIN_LEN = 3 {ADC1, ADC2 and ADC3}
DAISY_CHAIN_LEN = 0 {ADCN}
DAISY_CHAIN_LENGTH = 3 {ADC1,
ADC2, ADC3 and ADCN}
Figure 7-17. Register Write to Configure Daisy-Chain Length
7.5.3.2 Register Read With Daisy-Chain
Figure 7-18 illustrates an SPI waveform for reading registers in daisy-chain configuration. Steps for reading
registers from N ADCs connected in a daisy-chain are:
1. Register read is enabled by writing to the following registers:
a. Write to PAGE_SEL to select the desired register bank
b. Enable register reads by writing SPI_RD_EN = 0b (default on power-up)
2. With the register bank selected and SPI_RD_EN = 0b, the controller reads register data by:
a. N × 24-bit SPI frame containing the 8-bit register address to be read: N times (0xFE, 0x00, 8-bit register
address)
b. N × 24-bit SPI frame to read out register data: N times (0xFF, 0xFF, 0xFF)
The 0xFE in step 2a configures the ADC for register read from the specified 8-bit address. At the end of step 2a,
the output shift register in the ADC is loaded with register data. The ADC returns the 8-bit register address and
corresponding 16-bit register data in step 2b.
ADS9117, ADS9118, ADS9119
SLVSIN3 – MAY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS9117 ADS9118 ADS9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com