Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 14Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 15Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 16Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 17Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 18Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 19Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 20Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 21Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
-15
-10
-5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Rising Edge
200pF, Rising Edge
C001
-15
-10
-5
0
5
10
15
0
5
10
15
20
25
Time (µs)
10nF, Falling Edge
200pF, Falling Edge
C001
9.75
9.8
9.85
9.9
9.95
10
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
I
LOAD (mA)
C001
0
0.05
0.1
0.15
0.2
0.25
-15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1
0
I
LOAD (mA)
C001
±0.20
±0.15
±0.10
±0.05
0.00
0.05
0.10
0.15
0.20
-40
-25
-10
5
20
35
50
65
80
95
110 125
T
A (ƒC)
0V to 10V Range
0V to 5V Range
-10V to 0V Range
-5V to 0V Range
C001
0
1
2
3
4
5
6
7
8
9
10
-50
-40
-30
-20
-10
0
10
20
30
40
50
I
LOAD (mA)
C001
18
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Characteristics: DAC (continued)
At TA = 25°C (unless otherwise noted)
Figure 21. DAC Gain Error vs Temperature
Code 0x800, DAC range: 0 to 10 V
Figure 22. DAC Output Voltage vs Load Current
Code 0xFFF, DAC range: 0 to 10 V, AVCC = 10 V, AVEE = 0 V
Figure 23. DAC Source Current
Code 0x000, DAC range: 0 to 10 V, AVCC = 10 V, AVEE = 0 V
Figure 24. DAC Sink Current
Code 0x400 to 0xC00 to within ½ LSB
Figure 25. DAC Settling Time vs Load Capacitance
Code 0xC00 to 0x400 to within ½ LSB
Figure 26. DAC Settling Time vs Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com