Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 5 Page - Texas Instruments

  AMC7836IPAP.B Datasheet HTML 1Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 2Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 3Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 4Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 5Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 6Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 7Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 8Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
5
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Pin Functions
PIN
DESCRIPTION
NAME
NO.
I/O
ADC_0
47
I
Bipolar analog inputs. These pins are typically used to monitor the DAC group-C outputs. The
input range of these channels is –12.5 to 12.5 V.
ADC_1
46
I
ADC_2
45
I
ADC_3
44
I
ADC_4
43
I
Bipolar analog inputs. These pins are typically used to monitor the DAC group-D outputs. The
input range of these channels is –12.5 to 12.5 V.
ADC_5
42
I
ADC_6
41
I
ADC_7
40
I
ADC_8
34
I
Bipolar analog inputs. These pins are typically used to monitor the DAC group-B outputs. The
input range of these channels is –12.5 to 12.5 V.
ADC_9
33
I
ADC_10
32
I
ADC_11
31
I
ADC_12
30
I
Bipolar analog inputs. These pins are typically used to monitor the DAC group-A outputs. The
input range of these channels is –12.5 to 12.5 V.
ADC_13
29
I
ADC_14
28
I
ADC_15
27
I
AGND1
21
I
Analog ground. These pins are the ground reference point for all analog circuitry on the device.
Connect the AGND1, AGND2, and AGND3 pins to the same potential (AGND). Ideally, the
analog and digital grounds should be at the same potential (GND) and must not differ by more
than ±0.3 V.
AGND2
48
I
AGND3
56
I
AVCC_AB
20
I
Positive analog power for DAC groups A and B. The AVCC_AB and AVCC_CD pins must be
connected to the same potential (AVCC).
AVCC_CD
57
I
Positive analog power for DAC groups C and D. The AVCC_AB and AVCC_CD pins must be
connected to the same potential (AVCC).
AVDD
50
I
Analog supply voltage (4.7 V to 5.5 V). This pin must have the same value as the DVDD pin.
AVEE
17
I
Lowest potential in the system. This pin is typically tied to a negative supply voltage but if all
DACs are set in a positive output range, this pin can be connected to the analog ground. This
pin also acts as the negative analog supply for DAC group A. This pin sets the power-on-reset
and clamp voltage values for the DAC group A.
AVSSB
24
I
Negative analog supply for DAC group B. This pin sets the power-on-reset and clamp voltage
values for the DAC group B. This pin is typically tied to the AVEE pin for the negative output
ranges or AGND for the positive output ranges.
AVSSC
53
I
Negative analog supply for DAC group C. This pin sets the power-on-reset and clamp voltage
values for the DAC group C. This pin is typically tied to the AVEE pin for the negative output
ranges or AGND for the positive output ranges.
AVSSD
60
I
Negative analog supply for DAC group D. This pin sets the power-on-reset and clamp voltage
values for the DAC group D. This pin is typically tied to the AVEE pin for the negative output
ranges or AGND for the positive output ranges.
CS
6
I
Active-low serial-data enable. This input is the frame-synchronization signal for the serial data.
When this signal goes low, it enables the serial interface input shift register.
DAC_A0
15
O
DAC group A. These DAC channels share the same range and clamp voltage. If any of the
other DAC groups is in a negative voltage range, DAC group A should be in a negative
voltage range as well.
DAC_A1
16
O
DAC_A2
18
O
DAC_A3
19
O
DAC_B4
22
O
DAC group B. These DAC channels share the same range and clamp voltage.
DAC_B5
23
O
DAC_B6
25
O
DAC_B7
26
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com