Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 19 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 15Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 16Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 17Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 18Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 19Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 20Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 21Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 22Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
-15
-10
-5
0
5
10
15
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
Time (ms)
DVDD/AVDD
AVCC
AVSS
IOVDD
DAC OUT
C001
±5.0
±2.5
0.0
2.5
5.0
±15
±10
±5
0
5
-5
0
5
10
15
20
25
30
35
Time (µs)
DAC Output
DAC Output Small Signal
C031
-12
-10
-8
-6
-4
-2
0
-12.5
-10
-7.5
-5
-2.5
0
AV
SS (V)
C020
-15
-10
-5
0
5
10
15
±1
0
1
2
3
Time (ms)
AVCC
AVSS
DVDD/AVDD
DAC output
C001
10
100
1k
10k
100k
1M
10M
0
1000
2000
3000
4000
5000
Frequency (Hz)
C001
±15
±12
±9
±6
±3
0
3
6
9
12
15
±10
±5
0
5
10
-2
-1
0
1
2
3
4
5
Time (ms)
DAC OUTPUT
AVCC
C002
19
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Characteristics: DAC (continued)
At TA = 25°C (unless otherwise noted)
Code 0x800
Figure 27. DAC Output Noise vs Frequency
AVSS = AVEE = AGND, AVCC = 0 to 12 V, 2-ms ramp
Figure 28. DAC Power On Overshoot, Single Supply
AVSS = AVEE = –12 V, AVCC = 0 to 12 V, 2-ms ramp
Figure 29. DAC Power On Overshoot, Dual Supply
No load
Figure 30. DAC Clamp Output vs AVSS
Code 0xFFF, DAC range: –10 to 0 V, no load
Figure 31. DAC Clamp Recovery
Code 0xFFF, DAC range: –10 to 0 V, no load
Figure 32. DAC Output With AVDD and DVDD Supply
Collapse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com