Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 75 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 75 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 71Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 72Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 73Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 74Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 75Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 76Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 77Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 78Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
AMC7836
SCLK
SDI
SDO
RESET
IOVDD
GND
VDD
SCLK
MISO
MOSI
CS
GPIO
GPIO2 (ADCTRIG)
GPIO1 (ALARMOUT)
GPIO0
CS
GPIO7
GPIO6
GPIO3 (DAV)
GPIO4
GPIO5
DAC_A0
DAC_A1
ADC_0
ADC_1
ADC_2
ADC_3
LV_ADC17
LV_ADC18
LV_ADC19
LV_ADC20
ADC_8
ADC_9
ADC_4
ADC_5
ADC_6
ADC_7
LV_ADC16
AGND2
AVEE
0.1 µF
AVCC
Unipolar
Monitor Connection
LV_ADC16 ±
LV_ADC20
4.7 µF
IOVDD
RESET
IOVDD
0.1 µF
0
Digital
GND
Analog
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
45
44
43
42
41
40
38
37
39
36
33
35
34
18
19
20
21
22
23
24
25
26
27 28 29
49
AVEE
30
AVDD
0.1 µF
AVCC
AVEE
0.1 µF
0.1 µF
AVEE
DVDD
0.1 µF
17
31 32
48
64
63
62
61 60
59
58
57
56
55
54 53
52
51
50
DAC OUTPUTS connect to the gate (VG) of the PA modules
DAC OUTPUTS connect to the gate (VG) of the PA modules
Bipolar ADC inputs
connected to
PA module gate for
voltage monitoring
(ALARMIN)
75
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8.2 Typical Application
Figure 118 shows an example schematic incorporating the AMC7836 device.
Figure 118. AMC7836 Example Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com