Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 7Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 8Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 9Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 10Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 11Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 12Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 13Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 14Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
11
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Internal reference contribution not included.
6.6 Electrical Characteristics: ADC and Temperature Sensor
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.7 to 5.5 V, AVCC = 12 V, IOVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Integral nonlinearity
Unipolar input channels
±0.5
±1
LSB
Bipolar input channels
±0.5
±1.5
Differential nonlinearity
Specified monotonic. All input channels
±0.5
±1
LSB
UNIPOLAR ANALOG INPUTS: LV_ADC16 to LV_ADC20
Absolute input voltage range
AGND – 0.2
AVDD + 0.2
V
Full scale input range
Vref measured at REF_CMP pin
0
2 × Vref
V
Input capacitance
34
pF
DC input leakage current
Unselected ADC input
±10
µA
Offset error
±1
±5
LSB
Offset error match
±0.5
LSB
Gain error(1)
±0.5
±5
LSB
Gain error match
±1
LSB
Update time
Single unipolar input, temperature sensor disabled
11.5
µs
BIPOLAR ANALOG INPUTS: ADC_0 to ADC_15
Absolute input voltage range
–13
13
V
Full scale input range
–12.5
12.5
V
Input resistance
175
kΩ
Offset error
±0.25
±5
LSB
Gain error(1)
±0.5
±5
LSB
Update time
Single bipolar input, temperature sensor disabled
34.5
µs
TEMPERATURE SENSOR
Operating range
–40
125
°C
Accuracy
TA = –40°C to 125°C, AVDD = 5 V
±1.25
±2.5
°C
Resolution
LSB size
0.25
°C
Update time
All ADC input channels disabled
256
µs
ADC UPDATE TIME
Internal oscillator frequency
3.7
4
4.3
MHz
ADC update time
All 21 ADC inputs enabled, temperature sensor
disabled.
609.5
µs
All 21 ADC inputs enabled, temperature sensor
enabled.
865.5
µs
INTERNAL REFERENCE (INTERNAL REFERENCE NOT ACCESSIBLE)
Initial accuracy
TA = 25°C
2.4925
2.5
2.5075
V
Reference temperature coefficient
12
35
ppm/°C
INTERNAL ADC REFERENCE BUFFER
Reference buffer offset
TA = 25°C
±5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com