Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 59 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 55Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 56Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 57Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 58Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 59Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 60Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 61Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 62Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
59
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.5.4 ALARMOUT Source 1 Register (address = 0x1D) [reset = 0x00]
Figure 86. ALARMOUT Source 1 Register (R/W)
7
6
5
4
3
2
1
0
Reserved
ALARM-
LATCH-DIS
ALRIN-ALR-
OUT
THERM-ALR-
OUT
LT-HIGH-ALR-
OUT
LT-LOW-ALR-
OUT
R/W-All zeros
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 33. ALARMOUT Source 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use
4
ALARM-LATCH-DIS
R/W
0
Alarm latch disable bit.
When cleared to 0 the alarm bits are latched. When an alarm
occurs, the corresponding alarm bit is set to “1”. The alarm bit
remains until the error condition subsides and the alarm register
is read. Before reading, the alarm bit is not cleared even if the
alarm condition disappears. When set to 1 the alarm bits are not
latched. When the alarm condition subsides, the alarm bits are
cleared regardless of whether the alarm bits have been read or
not.
3
ALRIN-ALR-OUT
R/W
0
This register selects which alarms can activate the ALARMOUT
pin. The ALARMOUT must be enabled for this function to take
effect.
2
THERM-ALR-OUT
R/W
0
1
LT-HIGH-ALR-OUT
R/W
0
0
LT-LOW-ALR-OUT
R/W
0
7.6.6 DAC Range: Address 0x1E
7.6.6.1 DAC Range Register (address = 0x1E) [reset = 0x00]
Figure 87. DAC Range Register (R/W)
7
6
5
4
3
2
1
0
Reserved
DAC-RANGEB[2:0]
Reserved
DAC-RANGEA[2:0]
R/W-0
R/W-All zeros
R/W-0
R/W-All zeros
Table 34. DAC Range Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R/W
0
Reserved for factory use
6-4
DAC-RANGEB[2:0]
R/W
All zeros
DAC group B output voltage selection. Overrides output range
set by the auto-range detection circuit. See Table 35 to
configure this setting.
3
Reserved
R/W
0
Reserved for factory use
2
DAC-RANGEA[2:0]
R/W
All zeros
DAC group A output voltage selection. Overrides output range
set by the auto-range detection circuit. See Table 35 to
configure this setting.
Table 35. DAC-RANGEx Bit Configuration
DAC-RANGEx[2:0]
DAC Group x Output Voltage Range
0xx
Range set by auto-range detection circuit
100
–10 to 0 V
101
-5 to 0 V
110
0 to 10 V
111
0 to 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com