Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 49 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 45Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 46Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 47Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 48Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 49Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 50Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 51Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 52Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
49
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.1 Interface Configuration: Address 0x00 – 0x02
7.6.1.1 Interface Configuration 0 Register (address = 0x00) [reset = 0x30]
Figure 65. Interface Configuration 0 (Interface Config 0) Register (R/W)
7
6
5
4
3
2
1
0
SOFT-RESET
Reserved
ADDR-
ASCEND
Reserved
Reserved
R/W-0
R/W-0
R/W-1
R/W-1
R/W-All zeros
Table 9. Interface Config 0 Register Field Descriptions (R/W)
Bit
Field
Type
Reset
Description
7
SOFT-RESET
R/W
0
Soft reset (self-clearing)
0: no action
1: reset – resets everything except address 0x00, 0x01
6
Reserved
R/W
0
Reserved for factory use
5
ADDR-ASCEND
R/W
1
Address Ascend
0:
Descend
–
decrements
address
while
streaming
(address wrap from 0x0000 to 0x7FFF)
1: Ascend – increments address while streaming (address
wrap from 0x7FFF to 0x0000)
4
Reserved
R/W
1
Reserved for factory use
3-0
Reserved
R/W
All zeros
Reserved for factory use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com