Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP.B Datasheet(PDF) 54 Page - Texas Instruments

Part # AMC7836IPAP.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP.B Datasheet(HTML) 54 Page - Texas Instruments

Back Button AMC7836IPAP.B Datasheet HTML 50Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 51Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 52Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 53Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 54Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 55Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 56Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 57Page - Texas Instruments AMC7836IPAP.B Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
54
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.4.2 False Alarm Configuration Register (address = 0x11) [reset = 0x70]
Figure 76. False Alarm Configuration Register (R/W)
7
6
5
4
3
2
1
0
CH-FALR-CT[2:0]
TEMP-FALR-CT[1:0]
Reserved
R/W-011
R/W–10
R/W-All zeros
Table 21. False Alarm Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
CH-FALR-CT[2:0]
R/W
011
False alarm protection for ADC channels. See Table 22 to
configure this bit.
4-3
TEMP-FALR-CT[1:0]
R/W
10
False alarm protection for temperature sensor. See Table 23 to
configure this bit.
2-0
Reserved
R/W
All zeros
Reserved for factory use
Table 22. CH-FALR-CT Bit Configuration
CH-FALR-CT
N Consecutive Samples Before
Alarm is Set
000
1
001
4
010
8
011
16
100
32
101
64
110
128
111
256
Table 23. TEMP-FALR-CT Bit Configuration
TEMP-FALR-CT
N Consecutive Samples Before
Alarm is Set
00
1
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com